Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA01 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA01
Description  Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA01 Datasheet(HTML) 1 Page - Cirrus Logic

  PA01_09 Datasheet HTML 1Page - Cirrus Logic PA01_09 Datasheet HTML 2Page - Cirrus Logic PA01_09 Datasheet HTML 3Page - Cirrus Logic PA01_09 Datasheet HTML 4Page - Cirrus Logic PA01_09 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA01 • PA73
PA01-73U
1
PA01, PA73
FEATURES
•LOWCOST,ECONOMYMODEL—PA01
•HIGHOUTPUTCURRENT—Upto±5APEAK
•EXCELLENTLINEARITY—PA01
•HIGHSUPPLYVOLTAGE—Upto±30V
•ISOLATEDCASE—300V
APPLICATIONS
•MOTOR,VALVEANDACTUATORCONTROL
•MAGNETICDEFLECTIONCIRCUITSUPTO4A
•POWERTRANSDUCERSUPTO20kHz
•TEMPERATURECONTROLUPTO180W
•PROGRAMMABLEPOWERSUPPLIESUPTO48V
•AUDIOAMPLIFIERSUPTO50WRMS
DESCRIPTION
The PA01 and PA73 are high voltage, high output current
operational amplifiers designed to drive resistive, inductive
and capacitive loads. For optimum linearity, the PA01 has a
class A/B output stage. The PA73 has a simple class C output
stage (see Note 1) to reduce cost for motor control and other
applications where crossover distortion is not critical and
to provide interchangeability with type 3573 amplifiers. The
safe operating area (SOA) can be observed for all operating
conditions by selection of user programmable current limit
resistors. These amplifiers are internally compensated for all
gain settings. For continuous operation under load, a heatsink
of proper rating is recommended.
This hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible thermal washers and/or improper mount-
ing torque will void the product warranty. Please see “General
Operating Considerations”.
EXTERNALCONNECTIONS
CL+
+V
+IN
–IN
–V
N.C.
CL–
OUT
S
S
TOP VIEW
RCL+
RCL–
OUTPUT
1
2
3
4
5
6
7
8
NOTE 1: * Indicates not used in PA73. Open base of Q2A
connected to output of A1.
TYPICALAPPLICATION
Unidirectional Optical Speed Control
The pulse output of a non-contact optical sensor drives a
voltage-to-frequency converter which generates feedback for
the op amp. With the loop closed in this manner, the op amp
corrects for any variations in the speed due to changing load.
Because of operation in only one direction, an unsymmetrical
supply is used to maximize efficiency of both power op amp
and power supply. High speed diodes at the input protect the
op amp from commutator noise which may be generated by
the motor.
EQUIVALENTSCHEMATIC
24V
.33Ω
3W
–30V
+6V
CF
RIN
PA01
RF
F/V
OPTO
PULSE
GEN.
RCL–
.33Ω
3W
RCL+
VIN
0/–5V
M
0/+5V
1N4148
UNSYMMETRICAL SUPPLIES FOR EFFICIENCY
3
4
5
6
2
1
8
A1
D1
Q1
Q4
Q3
Q5
C1
Q2A
Q2B
Q6B
Q6A
*
*
*
*
*
*
8-PINTO-3
PACKAGESTYLECE
PA01 • PA73
P r o d u c t I n n o v a t i o n F r o m
Power Operational Amplifier
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA01-73UREVU


Similar Part No. - PA01_09

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA01D0303A DELTA-PA01D0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA01D0303A DELTA-PA01D0303A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA01D0303A DELTA-PA01D0303A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PA01D0303A DELTA-PA01D0303A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PA01D0303A DELTA-PA01D0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results

Similar Description - PA01_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com