Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA04 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA04
Description  Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA04 Datasheet(HTML) 4 Page - Cirrus Logic

  PA04 Datasheet HTML 1Page - Cirrus Logic PA04 Datasheet HTML 2Page - Cirrus Logic PA04 Datasheet HTML 3Page - Cirrus Logic PA04 Datasheet HTML 4Page - Cirrus Logic PA04 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA04 • PA04A
4
PA04U
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.cirrus.com for design tools that help
automate tasks such as calculations for stability, internal power
dissipation, current limit; heat sink selection; Apex Precision
Power’s completeApplication Notes library;Technical Seminar
Workbook; and Evaluation Kits.
CURRENTLIMIT
The two current limit sense lines are to be connected directly
across the current limit sense resistor. For the current limit to
work correctly pin 11 must be connected to the amplifier output
side and pin 10 connected to the load side of the current limit
resistor, R
CL, as shown in Figure 1. This connection will bypass
any parasitic resistances, Rp, formed by sockets and solder
joints as well as internal amplifier losses. The current limiting
resistor may not be placed anywhere in the output circuit except
where shown in Figure 1.
The value of the current limit resistor can be calculated as
follows:
.76
R
CL =
I
LIMIT
Figure 1.
Current Limit.
SAFEOPERATINGAREA(SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
NOTE: The output stage is protected against transient fly-
back. However, for protection against sustained, high
energy flyback, external fast-recovery diodes should
be used.
SLEEPMODEOPERATION
In the sleep mode, pin 12 (sleep) is tied to pin 9 (+V
BOOST).
This disables the amplifier’s internal reference and the am-
plifier shuts down except for a trickle current of 3 mA which
flows into pin 12. Pin 12 should be left open if the sleep mode
is not required.
Several possible circuits can be built to take advantage of
this mode. In Figure 2A a small signal relay is driven by a logic
gate. This removes the requirement to deal with the common
mode voltage that exists on the shutoff circuitry since the sleep
mode is referenced to the +V
BOOST voltage.
In Figure 2B, circuitry is used to level translate the sleep
mode input signal. The differential input activates sleep mode
with a differential logic level signal and allows common mode
voltages to ±V
BOOST.
BOOSTOPERATION
With the V
BOOST feature the small signal stages of the
amplifier are operated at higher supply voltages than the
amplifier’s high current output stage. +V
BOOST (pin 9) and
–V
BOOST (pin 5) are connected to the small signal circuitry of
the amplifier. +V
S (pin 8) and –VS (pin 6) are connected to the
high current output stage. An additional 5V on the V
BOOST pins
is sufficient to allow the small signal stages to drive the output
transistors into saturation and improve the output voltage
swing for extra efficient operation when required. When close
swings to the supply rails is not required the +V
BOOST and +VS
pins must be strapped together as well as the –V
BOOST and –VS
pins. The boost voltage pins must not be at a voltage lower
than the V
S pins.
COMPENSATION
The external compensation components C
C and RC are con-
nected to pins 3 and 4. Unity gain stability can be achieved
at any compensation capacitance greater than 330 pF with at
least 60 degrees of phase margin.At higher gains more phase
shift can be tolerated in most designs and the compensation
capacitance can accordingly be reduced, resulting in higher
bandwidth and slew rate. Use the typical operating curves as
a guide to select C
C and RC for the application.
FIGURE 2A. SLEEP MODE CIRCUIT.
LOGIC
K1
9
12
9
12
+V
BOOST
SLEEP
+V
BOOST
SLEEP
560Ω
470Ω
Q1
1KΩ
Q2
–V
BOOST
470Ω
LOGIC
INPUT
+
-
FIGURE 2B. SLEEP MODE CIRCUIT.
R f
Ri
1
2
10
11
R
CL
PA04
R
P
R
L
CL
CL
INPUT
7
SOA
5.0
2.0
.5
.2
2
SUPPLY TO OUTPUT DIFFERENTIAL (V)
5
10
20
50
200
20
DC
T
C
=
125°C
DC
T
C
=
85°C
DC
T
C
=
25°C
t =
10ms
t =
1ms
10
100
1.0


Similar Part No. - PA04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA04 APEX-PA04 Datasheet
60Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
logo
AZ Displays
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
   This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
Pulse A Technitrol Comp...
PA0423 PULSE-PA0423 Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0430L PULSE-PA0430L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PA0430L PULSE-PA0430L Datasheet
414Kb / 2P
   THT Power Inductors
More results

Similar Description - PA04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com