Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-104PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # FM-104PIN
Description  Broadband Frequency Doubler, 150 - 3000 MHz Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FM-104PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  FM-104PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FM-104PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Broadband Frequency Doubler,
150 - 3000 MHz Output
Rev. V3
FM-104
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
Typical Performance Curves
Conversion Loss
Conversion Loss vs. Input Power
Spurious Response
Ordering Information
Part Number
Package
FM-104 PIN
FP-3
Spurious Response
Spurious Response
9
10
11
12
13
75
100
200
300
500
750
1000
1500
2000
Input F re que nc y ( M H z)
8
10
12
14
16
18
20
0
4
8
12
16
20
Input P o wer ( dB m )
25
30
35
40
75
100
150
200
300
500
1000
2000
O ut put F re que nc y ( M H z)
25
30
35
40
225
300
450
600
900
1500
2000
6000
O ut put F re que nc y ( M H z)
12
16
20
24
28
300
400
600
800
1200
2000
4000
8000
O ut put F re que nc y ( M H z)


Similar Part No. - FM-104PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-104PIN MACOM-FM-104PIN Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
More results

Similar Description - FM-104PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
FM-107 MACOM-FM-107 Datasheet
216Kb / 3P
   Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
   Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
M/A-COM Technology Solu...
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
Advanced Semiconductor ...
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
   150 ~ 3000 MHz MMIC Amplifier
February 2017
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com