Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA74A Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA74A
Description  Power Dual Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA74A Datasheet(HTML) 2 Page - Cirrus Logic

  PA74A Datasheet HTML 1Page - Cirrus Logic PA74A Datasheet HTML 2Page - Cirrus Logic PA74A Datasheet HTML 3Page - Cirrus Logic PA74A Datasheet HTML 4Page - Cirrus Logic PA74A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA74/76 • PA74A/76A
2
PA74-76U
ABSOLUTEMAXIMUMRATINGS
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal (per amplifier)
36W
POWER DISSIPATION, internal (both amplifiers)
60W
INPUT VOLTAGE, differential
±VS
INPUT VOLTAGE, common mode
+VS, -VS–0.5V
JUNCTION TEMPERATURE, max1
150°C
TEMPERATURE, pin solder–10 sec max
300°C
TEMPERATURE RANGE, storage
–65°C to 150°C
OPERATING TEMPERATURE RANGE, case
–55°C to 125°C
SPECIFICATIONS
PA74/76
PA74A/PA76A
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
1.5
10
.5
7
mV
OFFSET VOLTAGE, vs. temperature Full temperature range
20
10
µV/°C
BIAS CURRENT, initial
100
500
*
250
nA
COMMON MODE RANGE
Full temperature range
–VS
+VS–1.3
*
*
V
COMMON MODE REJECTION, DC
Full temperature range
60
70
*
*
dB
POWER SUPPLY REJECTION
Full temperature range
60
90
*
*
dB
CHANNEL SEPARATION
IOUT = 1A, F = 1kHz
50
70
*
*
dB
INPUT NOISE VOLTAGE
RS = 100Ω, f = 1 to 100KHz
GAIN
OPEN LOOP GAIN
Full temperature range
89
100
*
*
*
dB
GAIN BANDWIDTH PRODUCT
AV = 40dB
0.9
1.4
*
*
MHz
POWER BANDWIDTH
VO(P-P) = 28V
13.6
*
kHz
OUTPUT
CURRENT, peak
2.5
3
A
SLEW RATE
0.5
1.4
*
*
V/µs
VOLTAGE SWING
Full temp. range, IO = 100mA
|VS| –1.1 |VS| –0.9
*
*
V
VOLTAGE SWING
Full temp. range, IO = 1A
|VS| –2.0 |VS| –1.7
*
*
V
VOLTAGE SWING
IO = 2.5A (PA74, 76)
|VS| –3.5 |VS| –2.9
*
*
V
VOLTAGE SWING
IO = 3.0A (PA74A, PA76A)
|VS| –4.0 |VS| –3.3
V
POWER SUPPLY
VOLTAGE, VSS3
30
40
*
*
*
V
CURRENT, quiescent, total
18
40
*
*
mA
THERMAL
RESISTANCE, junction to case
DC, single amplifier
3.2
3.5
*
*
°C/W
DC, both amplifiers4
1.9
2.1
*
*
°C/W
AC, single amplifier
2.4
2.6
*
*
°C/W
AC, both amplifiers4
1.4
1.6
*
*
°C/W
RESISTANCE, junction to air
30
*
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
85
–25
85
°C
NOTES: *
The specification of PA74A/PA76A is identical to the specification for PA74/PA76 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. Unless otherwise noted, the following conditions apply: ±VS = ±15V, TC = 25°C.
3. +VS and –VS denote the positive and negative supply rail respectively. VSS denotes the total rail-to-rail supply voltage.
4. Rating applies when power dissipation is equal in the two amplifiers.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION


Similar Part No. - PA74A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA74A APEX-PA74A Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - PA74A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA75CC ETC2-PA75CC Datasheet
773Kb / 5P
   Dual Power Operational Amplifiers
logo
Cirrus Logic
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com