Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELPD-20-1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # ELPD-20-1
Description  E-Series 2-Way 0o Power Divider 5 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ELPD-20-1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  ELPD-20-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ELPD-20-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V5.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
5
Features
• 2 Way
• 0 Degree
• Surface Mount
• 75 Ohm
Description
M/A-COM’s ELPD-20-1 is a 2 Way 0
o Power Divider in a low
cost, surface mount package. Ideally suited for high volume
CATV applications.
SM-139 Package
Electrical Specifications @25°C
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
5 - 1000
MHz
Insertion Loss
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
0.2
0.5
1.0
0.5
0.8
1.3
Isolation
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
26
29
22
22
22
18
Amplitude Unbalance
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
0.1
0.3
0.5
Phase Unbalance
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
o
o
o
1.0
o
3.0
o
4.0
o
Output Return Loss
5 - 750 MHz
750 –1000 MHz
dB
dB
18
15
Input Return Loss
5 - 1000 MHz
750 –1000 MHz
dB
dB
18
12
E-Series 2-Way 0
o Power Divider
5 - 1000 MHz
ELPD-20-1
Please Note that the photograph above indicates package shape only, unit may be wired differently.


Similar Part No. - ELPD-20-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ELPD-20-1 MA-COM-ELPD-20-1 Datasheet
105Kb / 2P
   E-Series 2-Way 0o Power Divider
More results

Similar Description - ELPD-20-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPES0026 MA-COM-MACPES0026 Datasheet
61Kb / 3P
   E-Series 2-Way 0o Power Divider 5-1000 MHz
MACPES0007 MA-COM-MACPES0007 Datasheet
64Kb / 2P
   E-Series 2-Way 0o Power Divider 5-1000 MHz
MACPES0026 MA-COM-MACPES0026 Datasheet
61Kb / 3P
   E-Series 2-Way 0o Power Divider
ELPD-20-1 MA-COM-ELPD-20-1 Datasheet
105Kb / 2P
   E-Series 2-Way 0o Power Divider
logo
Tyco Electronics
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
   E-Series RF 2-Way Power Divider 5-1000 MHz
logo
Tyco Electronics
ESSM-2-8-75 MACOM-ESSM-2-8-75 Datasheet
175Kb / 2P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
   E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MAPD-008812-0003HW MA-COM-MAPD-008812-0003HW Datasheet
125Kb / 2P
   E-Series 3-Way Power Divider 5-1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com