Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS256PNF-G-JN-ERE1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB85RS256PNF-G-JN-ERE1
Description  Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS256PNF-G-JN-ERE1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB85RS256PNF-G-JN-ERE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85RS256PNF-G-JN-ERE1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MB85RS256
8
DS05-13105-3E
• RDSR
The RDSR command reads status register data. After op-code of RDSR is input to SI, 8-cycle clock is input to
SCK. The SI value is invalid for this time. SO is output synchronously to a falling edge of SCK. Continuously
reading status register is enabled by keep on sending SCK before rising CS with the RDSR command.
• WRSR
The WRSR command writes data to the nonvolatile memory bit of status register. After performing WRSR op-
code to a SI pin, 8 bits writing data is input. WEL (Write Enable Latch) is not able to be written with WRSR
command. a SI value correspondent to bit 1 is ignored. Bit 0 of the status register is fixed to “0” and cannot be
written. The SI value corresponding to bit 0 is ignored.
SO
SCK
SI
CS
00000101
High-Z
7
6
5
4
3
2
1
0
Invalid
MSB
7
6
5
4
3
2
1
0
Data Out
LSB
Invalid
SO
SCK
SI
CS
00000001
7
6
5
4
3
2
1
0
Data In
MSB
7
6
5
4
3
2
1
0
High-Z
LSB
76543210
Instruction


Similar Part No. - MB85RS256PNF-G-JN-ERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256PNF-G-JNE1 FUJITSU-MB85RS256PNF-G-JNE1 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results

Similar Description - MB85RS256PNF-G-JN-ERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
   Memory FRAM CMOS 1 M Bit (128 K 횞 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com