Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F457S Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F457S
Description  16-bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F457S Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F457S Datasheet HTML 4Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 5Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 6Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 7Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 8Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 9Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 10Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 11Page - Fujitsu Component Limited. MB90F457S Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MB90455 Series
8
DS07-13728-5E
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit
format
Description
1AVcc
Vcc power input pin for A/D converter
2
AVR
Power (Vref+) input pin for A/D converter. Use as input for Vcc or lower.
3 to 10
P50 to P57
E
General-purpose input/output ports.
AN0 to AN7
Functions as an analog input pin for A/D converter. Valid when analog
input setting is “enabled.”
11
P37
D
General-purpose input/output port.
ADTG
Function as an external trigger input pin for A/D converter. Use the pin by
setting as input port.
12
P20
D
General-purpose input/output port.
TIN0
Function as an event input pin for reload timer 0. Use the pin by setting as
input port.
13
P21
D
General-purpose input/output port.
TOT0
Function as an event output pin for reload timer 0. Valid only when output
setting is “enabled.”
14
P22
D
General-purpose input/output port.
TIN1
Function as an event input pin for reload timer 1. Use the pin by setting as
input port.
15
P23
D
General-purpose input/output port.
TOT1
Function as an event output pin for reload timer 1. Valid only when output
setting is “enabled.”
16 to 19
P24 to P27
D
General-purpose input/output ports.
INT4 to INT7
Functions as an external interrupt input pin. Use the pin by setting as input
port.
20
MD2
F
Input pin for specifying operation mode. Connect directly to Vss.
21
MD1
C
Input pin for specifying operation mode. Connect directly to Vcc.
22
MD0
C
Input pin for specifying operation mode. Connect directly to Vcc.
23
RST
B
External reset input pin.
24
Vcc
Power source (5 V) input pin.
25
Vss
Power source (0 V) input pin.
26
C
Capacitor pin for stabilizing power source. Connect a ceramic capacitor of
approximately 0.1
μF.
27
X0
A
Pin for high-rate oscillation.
28
X1
A
Pin for high-rate oscillation.
29 to 32
P10 to P13
D
General-purpose input/output ports.
IN0 to IN3
Functions as trigger input pins of input capture channels 0 to 3. Use the
pins by setting as input ports.


Similar Part No. - MB90F457S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F457S FUJITSU-MB90F457S Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457S FUJITSU-MB90F457S Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90F457SPMT FUJITSU-MB90F457SPMT Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90F457SPMT FUJITSU-MB90F457SPMT Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F457S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com