Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340-1.8432M-3EN-TNC Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 340-1.8432M-3EN-TNC
Description  Metal Dip Full UM-1 Clock Oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

340-1.8432M-3EN-TNC Datasheet(HTML) 1 Page - Oscilent Corporation

  340-1.8432M-3EN-TNC Datasheet HTML 1Page - Oscilent Corporation 340-1.8432M-3EN-TNC Datasheet HTML 2Page - Oscilent Corporation 340-1.8432M-3EN-TNC Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Crystal Oscillator
Series Number
Package
Description
Last Modified
340
Metal Dip Full UM-1
Clock Oscillators
July 01 2005
FEATURES
- HCMOS/TTL logic compatible
- Gullwing option
- Low power consumption
- 3.3V or 5.0V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
1.544 ~ 125.000
1.544 ~ 125.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Frequency Stability
a + b + c + d
±20, ±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
10 ~ 45 max.
15 ~ 85 max.
mA
Aging
@ 25°C
±1 max.
PPM/Y
Rise Time (TR) / Fall Time (TF)
< 66.660 MHz
10 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS)
nS
Rise Time (TR) / Fall Time (TF)
66.660 MHz
4 max. (0.4V to 2.4V w/ TTL, Waveform / HCMOS)
nS
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD-0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
ms
Jitter
(One Sigma)
±25 max.
ps
PIN CONNECTIONS
#1 No Connection or Tri-State
Page 1 of 3
Oscilent Corporation | 340 Series Crystal Oscillator


Similar Part No. - 340-1.8432M-3EN-TNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
340-021-0500 ETC1-340-021-0500 Datasheet
325Kb / 1P
   Multi-level Series
340-021-0600 ETC1-340-021-0600 Datasheet
325Kb / 1P
   Multi-level Series
340-021-0800 ETC1-340-021-0800 Datasheet
325Kb / 1P
   Multi-level Series
340-021-1500 ETC1-340-021-1500 Datasheet
325Kb / 1P
   Multi-level Series
340-021-1600 ETC1-340-021-1600 Datasheet
325Kb / 1P
   Multi-level Series
More results

Similar Description - 340-1.8432M-3EN-TNC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
   UM-1, UM-5 DIP TYPE
logo
Abracon Corporation
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
   5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
logo
Fronter Electronics Co....
FT21M07B FRONTER-FT21M07B Datasheet
119Kb / 1P
   UM-1, UM-5 DIP TYPE 4POLES
logo
CTS Corporation
MXO45 CTS-MXO45 Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
MXO45LV CTS-MXO45LV Datasheet
107Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45 ETC1-MXO45 Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 05-Mar-07
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
   Full Size Clock Oscillators TTL Compatible
Revision: 17-Jun-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com