Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150DU-24H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM150DU-24H
Description  IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150DU-24H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM150DU-24H_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150DU-24H_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150DU-24H_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150DU-24H_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb. 2009
4
MITSUBISHI IGBT MODULES
CM150DU-24H
HIGH POWER SWITCHING USE
INSULATED TYPE
101
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
3
2
23 5 7
23 5 7
Single Pulse
TC = 25
°C
Per unit base = Rth(j – c) = 0.24K/W
101
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
3
2
23 5 7
23 5 7
Single Pulse
TC = 25
°C
Per unit base = Rth(j – c) = 0.14K/W
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
101
102
23
5
7
103
23
5
7
VCC = 600V
VGE =
±15V
RG = 2.1
Tj = 125
°C
td(off)
td(on)
tf
tr
0
5
10
15
20
0
200
400
600
800
VCC = 400V
VCC = 600V
IC = 150A
102
7
5
3
2
101
103
7
5
3
2
101
102
23
5
7
103
23
5
7
101
102
2
3
5
7
103
2
3
5
7
–di /dt = 300A /
µs
Tj = 25
°C
trr
Irr
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT part)
TIME (s)
HALF-BRIDGE
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
EMITTER CURRENT IE (A)
GATE CHARGE CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi part)


Similar Part No. - CM150DU-24H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150DU-24H MITSUBISHI-CM150DU-24H Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM150DU-24H POWEREX-CM150DU-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 150 Amperes/1200 Volts
More results

Similar Description - CM150DU-24H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM75TU-24H MITSUBISHI-CM75TU-24H_09 Datasheet
118Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-24H MITSUBISHI-CM200DU-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200E3U-12H MITSUBISHI-CM200E3U-12H_09 Datasheet
80Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM400HU-24H MITSUBISHI-CM400HU-24H_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HA-5F MITSUBISHI-CM600HA-5F_00 Datasheet
53Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HN-5F MITSUBISHI-CM600HN-5F_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com