Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150DY-34A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM150DY-34A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150DY-34A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM150DY-34A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150DY-34A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150DY-34A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150DY-34A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM150DY-34A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb. 2009
3
MITSUBISHI IGBT MODULES
CM150DY-34A
HIGH POWER SWITCHING USE
PERFORMANCE CURVES
300
0
50
100
150
200
250
04
6
8
10
Tj = 25
°C
11
12
10
9
VGE =
20V
2
15
13
8
048
12
16
20
VCE = 10V
0
50
100
150
200
250
300
Tj = 25
°C
Tj = 125
°C
5
0
1
2
3
4
0
100
200
300
VGE = 15V
Tj = 25
°C
Tj = 125
°C
10
8
6
4
2
0
0
4
8
12
16
20
Tj = 25
°C
IC = 300A
IC = 150A
IC = 60A
101
0.5
1
1.5
2
2.5
3
3.5
4
2
5
3
7
2
5
3
7
102
103
Tj = 25
°C
Tj = 125
°C
10–1
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
102
2
100
35 7
2
101
35 7
2
102
35 7
VGE = 0V
Cies
Coes
Cres
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
CAPACITANCE–VCE
CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)


Similar Part No. - CM150DY-34A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150DY-34A MITSUBISHI-CM150DY-34A Datasheet
121Kb / 5P
   HIGH POWER SWITCHING USE
logo
Powerex Power Semicondu...
CM150DY-34A POWEREX-CM150DY-34A Datasheet
411Kb / 4P
   Dual IGBTMOD A-Series Module 150 Amperes/1700 Volts
More results

Similar Description - CM150DY-34A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com