Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150RL-24NF Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM150RL-24NF
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150RL-24NF Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM150RL-24NF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150RL-24NF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150RL-24NF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150RL-24NF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM150RL-24NF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM150RL-24NF Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Feb. 2009
3
MITSUBISHI IGBT MODULES
CM150RL-24NF
HIGH POWER SWITCHING USE
IC = 15mA, VCE = 10V
Tj = 25
°C
Tj = 125
°C
VCE = 10V
VGE = 0V
VCE = VCES, VGE = 0V
±VGE = VGES, VCE = 0V
IC = 150A, VGE = 15V
VCC = 600V, IC = 150A, VGE = 15V
VCC = 600V, IC = 150A
VGE =
±15V
RG = 2.1
Ω, Inductive load
IE = 150A
IE = 150A, VGE = 0V
IGBT part (1/6 module)*1
FWDi part (1/6 module)*1
Case to heat sink, Thermal compound Applied (1/6 module)*2
1
0.5
3.0
23
2
0.45
130
70
400
350
150
3.8
0.14
0.23
31
mA
µA
nF
nF
nF
nC
ns
ns
ns
ns
µC
V
K/W
K/W
K/W
2.1
2.4
675
5.8
0.051
2.1
7V
V
68
ns
Collector cutoff current
Gate leakage current
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Reverse recovery time
Reverse recovery charge
Emitter-collector voltage
Contact thermal resistance
External gate resistance
Gate-emitter threshold voltage
Collector-emitter saturation voltage
Thermal resistance
ICES
IGES
Cies
Coes
Cres
QG
td(on)
tr
td(off)
tf
trr (Note 1)
Qrr (Note 1)
VEC(Note 1)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
RG
Symbol
Parameter
VGE(th)
VCE(sat)
Unit
Typ.
Limits
Min.
Max.
Test conditions
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise specified)
INVERTER PART
IC = 7.5mA, VCE = 10V
Tj = 25
°C
Tj = 125
°C
VCE = 10V
VGE = 0V
VCE = VCES, VGE = 0V
±VGE = VGES, VCE = 0V
IC = 75A, VGE = 15V
VCC = 600V, IC = 75A, VGE = 15V
IF = 75A
IGBT part*1
Clamp diode part*1
1
0.5
3.0
11.5
1.0
0.23
3.8
0.24
0.36
42
mA
µA
nF
nF
nF
nC
V
K/W
K/W
2.1
2.4
338
4.2
7V
V
68
Collector cutoff current
Gate leakage current
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Forward voltage drop
Thermal resistance
External gate resistance
Gate-emitter threshold voltage
Collector-emitter saturation voltage
ICES
IGES
Cies
Coes
Cres
QG
VFM
Rth(j-c)Q
Rth(j-c)R
RG
Symbol
Parameter
VGE(th)
VCE(sat)
*1 : Case temperature (Tc) measured point is just under the chips.
If you use this value, Rth(f-a) should be measured just under the chips.
*2 : Typical value is measured by using thermally conductive grease of λ = 0.9[W/(m • K)].
Note 1. IE, VEC, trr & Qrr represent characteristics of the anti-parallel, emitter-collector free-wheel diode (FWDi).
2. Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tjmax rating.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
Unit
Typ.
Limits
Min.
Max.
Test conditions
BRAKE PART


Similar Part No. - CM150RL-24NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM150RL-24NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com