Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112-000312-20 Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 112-000312-20
Description  32.768 KHz Tuning Fork
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

112-000312-20 Datasheet(HTML) 3 Page - Oscilent Corporation

  112-000312-20 Datasheet HTML 1Page - Oscilent Corporation 112-000312-20 Datasheet HTML 2Page - Oscilent Corporation 112-000312-20 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
3x8
1
32.768 KHz
12.5 pF
±10
111-000312-10
Blank* = Bulk
-TR = Tape/ Reel
±20
111-000312-20
6.0 pF
±10
111-000306-10
±20
111-000306-20
2x6
2
12.5 pF
±10
112-000312-10
±20
112-000312-20
6.0 pF
±10
112-000306-10
±20
112-000306-20
1.5x5
3
8.0 pF (typ.)
or Specify
±10
113-000308-10
±20
113-000308-20
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
Series No.:
111 to 113
Page 3 of 3
Oscilent Corporation | 111 - 113


Similar Part No. - 112-000312-20

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
112-00033 HELLERMANNTYTON-112-00033 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
112-00034 HELLERMANNTYTON-112-00034 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
More results

Similar Description - 112-000312-20

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3X8X ECS-ECS-3X8X Datasheet
164Kb / 1P
   32.768 KHz TUNING FORK
ECS-3X8X ECS-ECS-3X8X_14 Datasheet
167Kb / 2P
   32.768 KHz TUNING FORK
logo
Oscilent Corporation
QC-111 OSCILENT-QC-111 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
logo
List of Unclassifed Man...
ECS-3X8 ETC1-ECS-3X8 Datasheet
80Kb / 1P
   32.768 KHz TUNING FORK CRYSTALS
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A0.3 MICROCRYSTAL-CM8V-T1A0.3_17 Datasheet
808Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com