Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112-000312-20 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 112-000312-20
Description  32.768 KHz Tuning Fork
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

112-000312-20 Datasheet(HTML) 1 Page - Oscilent Corporation

  112-000312-20 Datasheet HTML 1Page - Oscilent Corporation 112-000312-20 Datasheet HTML 2Page - Oscilent Corporation 112-000312-20 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
.
.
Quartz Crystal
Series Number
Package
Description
Last Modified
111 ~ 113
3x8, 2x6, 1.5x5
32.768 KHz Tuning Fork
July. 01 2005
Quartz Crystal FEATURES
- Excellent resistance and environmental characteristics
- Tight tolerance
- Long term stability
- Cost effective
- 3 available packages
- See Oscilent 223 series for surface mount version
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
111 Series
112 Series
113 Series
UNITS
Size (Figure No.)
-
3x8 (Fig. 1)
2x6 (Fig. 2)
1.5x5 (Fig. 3)
-
Frequency Range
fO
32.768
KHz
Frequency Tolerance
f/fo
±10 or ±20
PPM
Load Capacitance (typ.)
CL
12.5 (typ.) / 6.0 (optional)
8.0 (typ.)
pF
Drive Level (max.)
DL
1.0 ± 0.2
µW
Resistance (at Series
Resonance)
R1
30 max.
40 max.
Kohm
Q-Factor
Q
80,000 (typ.), 50,000 min.
70,000 (typ.), 40,000 min.
80,000 (typ.)
-
Turnover Temperature
TM
+25 ±5
°C
Parabolic Curveture Constant
-
-0.036 ± 0.006
PPM/°
Shunt Capacitance
Co
1.30 (typ.), 2.0 max.
1.10 (typ.), 1.8 max.
1.0 (typ.)
pF
Capacitance Ratio
-
530 (typ.), 650 max.
470 (typ.), 650 max.
400 (typ.)
-
Operating Temperature
TOPR
-10~+60
°C
Storage Temperature
TSTG
-20~+70
°C
Shock Resistance
-
Drop test 3 times on hard wooden board fr. height 75cm/±3 PPM max.
PPM
Insulation Resistance
IR
500 Mohm min./DC100V
Mohm
Page 1 of 3
Oscilent Corporation | 111 - 113


Similar Part No. - 112-000312-20

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
112-00033 HELLERMANNTYTON-112-00033 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
112-00034 HELLERMANNTYTON-112-00034 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
More results

Similar Description - 112-000312-20

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3X8X ECS-ECS-3X8X Datasheet
164Kb / 1P
   32.768 KHz TUNING FORK
ECS-3X8X ECS-ECS-3X8X_14 Datasheet
167Kb / 2P
   32.768 KHz TUNING FORK
logo
Oscilent Corporation
QC-111 OSCILENT-QC-111 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
logo
List of Unclassifed Man...
ECS-3X8 ETC1-ECS-3X8 Datasheet
80Kb / 1P
   32.768 KHz TUNING FORK CRYSTALS
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A0.3 MICROCRYSTAL-CM8V-T1A0.3_17 Datasheet
808Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com