Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

141-12.0M-20-05GS Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 141-12.0M-20-05GS
Description  Weld Type Quartz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

141-12.0M-20-05GS Datasheet(HTML) 2 Page - Oscilent Corporation

  141-12.0M-20-05GS Datasheet HTML 1Page - Oscilent Corporation 141-12.0M-20-05GS Datasheet HTML 2Page - Oscilent Corporation 141-12.0M-20-05GS Datasheet HTML 3Page - Oscilent Corporation 141-12.0M-20-05GS Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cutting
Temperature
Range
±5.00
±10.0
±15.0
±20.0
±30.0
±50.0
AT
0 ~ +50oC
x
x
x
x
x
x
-10 ~ +60oC
-
x
x
x
x
x
-20 ~ +70oC
-
-
x
x
O
x
-30 ~ +80oC
-
-
-
x
x
O
-40 ~ +85oC
-
-
-
-
-
x
BT
Within a range of ±80 ~ ±120 PPM
x
available
O
recommended
Dim. L
HC-49U
(141 Series)
13.2mm
HC-49T
(142 Series)
11.2mm
PART NUMBER GUIDE
Series
Number
Frequency
Load
Capacitance
Tolerance @ +25C
Tolerance Over
Temp ( oC )
Operating
Temp ( oC )
Value Added
141
- 12.0M
-20
- 05
K
S
- VS
141 = HC-49U
142 = HC-49T
See table below
for standard freq.
and enter here
e.g. 2.048M =
2.048 MHz OR
enter any desire
frequency.
Enter desired
capacitance here.
See table below
for standard load
capacitance Enter
SR for Series.
Blank *= ±30PPM
or Fill in E.G
05 = ±5 PPM
25 = ±25 PPM
Avail. = ±5 ~ ±100
Blank*
=
±50 PPM
G =
±30 PPM
H =
±20 PPM
K =
±15 PPM
L =
±10 PPM
M =
±5 PPM
N =
±100
PPM
P =
0~+50
R = -10~+60
S =
-20~+70
T =
-30~+80
W = -40~+85
Blank * = Standard
IT = Insulator Tab
TL = Third Lead
L2 = Alt. Third Lead
VS = Vinyl Sleeving
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic name above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: Add -TR for Tape/Reel. Click here for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY/ OTHER FREQ./LOADS
AVAILABLE
Page 2 of 4
Oscilent Corporation | 141 - 142


Similar Part No. - 141-12.0M-20-05GS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
141-12BM MINI-141-12BM Datasheet
324Kb / 2P
   Coaxial Cable
141-12BM++ MINI-141-12BM+ Datasheet
324Kb / 2P
   Coaxial Cable
141-12NM MINI-141-12NM Datasheet
404Kb / 1P
   Coaxial Cable
141-12NM++ MINI-141-12NM+ Datasheet
404Kb / 1P
   Coaxial Cable
141-12SM MINI-141-12SM Datasheet
630Kb / 3P
   Coaxial Cable
More results

Similar Description - 141-12.0M-20-05GS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
QC-141 OSCILENT-QC-141 Datasheet
180Kb / 4P
   Weld Type Quartz
QC-152 OSCILENT-QC-152 Datasheet
166Kb / 4P
   Weld Type Quartz
152-4.0M-SR-10GP OSCILENT-152-4.0M-SR-10GP Datasheet
166Kb / 4P
   Weld Type Quartz
QC-151 OSCILENT-QC-151 Datasheet
171Kb / 4P
   Weld Type Quartz
151-12.096M-SR-05 OSCILENT-151-12.096M-SR-05 Datasheet
171Kb / 4P
   Weld Type Quartz
logo
ECS, Inc.
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
   low profile resistance weld type Thru Hole quartz crystal
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
HC-49USSX ECS-HC-49USSX_17 Datasheet
513Kb / 2P
   low profile (2.1 mm Max.) resistance weld type Thru Hole quartz crystal
HC49UX ECS-HC49UX Datasheet
151Kb / 1P
   The HC-49UX is an "AT" cut resistance weld type Thru Hole quartz crystal.
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
   The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com