Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

141-12.0M-20-25GT Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 141-12.0M-20-25GT
Description  Weld Type Quartz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

141-12.0M-20-25GT Datasheet(HTML) 3 Page - Oscilent Corporation

  141-12.0M-20-25GT Datasheet HTML 1Page - Oscilent Corporation 141-12.0M-20-25GT Datasheet HTML 2Page - Oscilent Corporation 141-12.0M-20-25GT Datasheet HTML 3Page - Oscilent Corporation 141-12.0M-20-25GT Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FREQUENCY
(MHz)
LOAD (pF)
Series
12
13
16
17
18
20
32
1.000
-
-
Std.
--
-
-
-
-
1.8432
Std.
-
Std.
-
-
-
-
Std.
2.000
Std.
-
-
-
-
-
Std.
Std.
2.048
-
Std.
-
-
-
-
-
-
2.4576
-
-
-
-
-
-
Std.
Std.
2.500
Std.
-
-
-
-
-
-
-
3.000
Std.
-
-
-
-
-
-
-
3.2768
-
-
-
-
Std.
-
-
-
3.579545
Std.
-
-
-
Std.
-
-
-
3.6864
Std.
-
-
-
-
Std.
-
-
3.93216
-
-
-
-
Std.
-
-
-
4.000
Std.
-
-
-
-
-
Std.
-
4.032
Std.
-
-
-
-
-
Std.
-
4.096
-
-
-
-
-
-
Std.
-
4.194304
-
Std.
-
-
-
-
-
-
4.433618
-
-
-
-
-
-
Std.
-
4.9152
Std.
-
-
-
-
-
Std.
-
5.000
Std.
-
-
-
-
-
Std.
-
5.0688
Std.
-
-
-
-
-
Std.
-
5.185
Std.
-
-
-
-
-
-
Std.
5.9904
Std.
-
-
-
-
-
Std.
-
6.000
Std.
-
-
-
-
-
-
Std.
6.144
-
-
-
-
-
-
-
6.5536
-
Std.
-
-
-
-
-
-
7.3728
Std.
-
-
-
-
-
Sd.
-
7.680
-
-
-
-
-
-
Std.
-
8.000
-
-
-
-
Std.
Std.
Std.
8.192
Std.
-
-
-
-
-
-
-
9.216
Std.
-
-
-
-
-
Std.
-
9.8304
Std.
-
-
-
-
-
Std.
-
10.000
Std.
-
-
-
-
-
-
-
10.738635
Std.
-
-
-
-
-
-
-
11.000
Std.
-
-
-
-
-
-
-
11.046
Std.
-
-
-
-
-
-
-
11.0592
Std.
-
-
-
-
-
Std.
Std.
11.228
Std.
-
-
-
-
-
-
-
Page 3 of 4
Oscilent Corporation | 141 - 142


Similar Part No. - 141-12.0M-20-25GT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
141-12BM MINI-141-12BM Datasheet
324Kb / 2P
   Coaxial Cable
141-12BM++ MINI-141-12BM+ Datasheet
324Kb / 2P
   Coaxial Cable
141-12NM MINI-141-12NM Datasheet
404Kb / 1P
   Coaxial Cable
141-12NM++ MINI-141-12NM+ Datasheet
404Kb / 1P
   Coaxial Cable
141-12SM MINI-141-12SM Datasheet
630Kb / 3P
   Coaxial Cable
More results

Similar Description - 141-12.0M-20-25GT

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
QC-141 OSCILENT-QC-141 Datasheet
180Kb / 4P
   Weld Type Quartz
QC-152 OSCILENT-QC-152 Datasheet
166Kb / 4P
   Weld Type Quartz
152-4.0M-SR-10GP OSCILENT-152-4.0M-SR-10GP Datasheet
166Kb / 4P
   Weld Type Quartz
QC-151 OSCILENT-QC-151 Datasheet
171Kb / 4P
   Weld Type Quartz
151-12.096M-SR-05 OSCILENT-151-12.096M-SR-05 Datasheet
171Kb / 4P
   Weld Type Quartz
logo
ECS, Inc.
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
   low profile resistance weld type Thru Hole quartz crystal
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
HC-49USSX ECS-HC-49USSX_17 Datasheet
513Kb / 2P
   low profile (2.1 mm Max.) resistance weld type Thru Hole quartz crystal
HC49UX ECS-HC49UX Datasheet
151Kb / 1P
   The HC-49UX is an "AT" cut resistance weld type Thru Hole quartz crystal.
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
   The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com