Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

637-912K-F Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 637-912K-F
Description  IC Applicable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

637-912K-F Datasheet(HTML) 2 Page - Oscilent Corporation

  637-912K-F Datasheet HTML 1Page - Oscilent Corporation 637-912K-F Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
Freq. Range
(KHz)
Dimensions
W
T
H
P
L
456 ~ 503
7.0
3.5
9.0
5.0
4.0
912
5.0
2.2
6.0
2.5
4.0
PART NUMBER GUIDE
Part Number
Packaging**
637 - 456K - F11
Blank* = Bulk
-TR = Tape/ Reel
see table above
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: "Blank" part number selections, indicate standard variables for the particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 637
Page 2 of 2
Oscilent Corporation | 637 Series Ceramic Resonator


Similar Part No. - 637-912K-F

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
637-912K-F OSCILENT-637-912K-F Datasheet
135Kb / 2P
   IC Applicable
637-912K-F101 OSCILENT-637-912K-F101 Datasheet
135Kb / 2P
   IC Applicable
637-912K-F104 OSCILENT-637-912K-F104 Datasheet
135Kb / 2P
   IC Applicable
More results

Similar Description - 637-912K-F

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
637 OSCILENT-637 Datasheet
135Kb / 2P
   IC Applicable
logo
KODENSHI_AUK CORP.
SG402 KODENSHI-SG402 Datasheet
224Kb / 2P
   Widely applicable
logo
Japan Aviation Electron...
ST5S014V4A JAE-ST5S014V4A Datasheet
191Kb / 1P
   APPLICABLE P.C.B. DIMENSION
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
List of Unclassifed Man...
D-M9BWL ETC-D-M9BWL Datasheet
6Mb / 92P
   Applicable Cylinder Series
logo
TOKYO SEIMITSU CO., LTD
STYLUSES ACCRETECH-STYLUSES Datasheet
1Mb / 13P
   Applicable Probe Heads
logo
Japan Aviation Electron...
FB10S015JA2R6000 JAE-FB10S015JA2R6000 Datasheet
369Kb / 1P
   APPLICABLE F.P.C. DIMENSION(REF.)
FB8S029JA1 JAE-FB8S029JA1 Datasheet
153Kb / 1P
   APPLICABLE F.P.C. DIMENSION(REF.)
logo
TOKO, Inc
SAZ73D TOKO-SAZ73D Datasheet
286Kb / 1P
   Applicable to reflow soldering
logo
Shoulder Electronics Li...
CDB455C4 SHOULDER-CDB455C4 Datasheet
78Kb / 3P
   This specification is applicable to ceramic discriminator CDB455C4 use for SANYO IC LA8610.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com