Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

664-455-15 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 664-455-15
Description  455 KHz Discriminator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

664-455-15 Datasheet(HTML) 1 Page - Oscilent Corporation

  664-455-15 Datasheet HTML 1Page - Oscilent Corporation 664-455-15 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS / PART NUMBER GUIDE
..
.
.
Ceramic Resonator
Series Number
Package
Description
Last Modified
664
Ceramic
455 KHz Discriminator
Jan. 01 2007
FEATURES
- Communication use
- RoHs Compliant
Type 1
PART NO.
Center Frequency
Recovered Audio
3dB BW
Recovered Audio
Output
Distortion Factor
Applicable IC
(fo) (KHz)
(KHz) min.
(mV) min.
(At fn) (%) max.
-
664-455-18
455 ±2
±3.0
180 ±40
2.0
MC3371
664-455-24
455 ±2
±4.0
100 ±40
2.0
TA31136
664-455-28
455 ±2
±4.0
40 ±20
3.0
TA31142
664-455-29
455 ±2
±4.0
125 ±30
2.5
NE605
664-455-32
455 ±2
±4.0
40 ±20
3.0
TA31143
664-455-47
455 ±2
----
140 ±25 (fn)
140 ±20 (fn ±4.8)
----
TA31147
664-455-50
455 ±2
±4.0
64 ±6.4
4.0
CXA3117N
Type 2
PART NO.
Resonant
Frequency
Antiresonant
Frequency
Bandwidth
Fa-Fr
Resonant
Resistance
Capacitance
Applicable IC
(Fr) (KHz)
(Fa) (KHz)
(KHz)
ohm max.
pF ±20%
-
664-455-2
447.5 ±1.5
(at |Z| = 2.05kohm)
463.0 ±1.5
(at |Z| = 10kohm)
-
-
140
TA8104
664-455-3
-
455.0 ±1.5
48.0 ±5.0
70
600
CXA1184M
664-455-4
-
470.0 ±1.0
43.0 ±2.0
300
140
LA8610
664-455-10
429 ±2.0
-
51.0 ±5.0
70
580
TA8103F
664-455-15
-
463.5 ±1.0
43.0 ±2.0
300
140
CXA1483M
664-455-25
-
465.0 ±1.5
45.0 ±4.0
300
135
CXA1484
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Page 1 of 2
Oscilent Corporation | 664 Series Ceramic Resonator


Similar Part No. - 664-455-15

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
664-009-264-000 EDAC-664-009-264-000 Datasheet
529Kb / 3P
   664 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Plug | Dual Port | Right Angle
664-009-264-001 EDAC-664-009-264-001 Datasheet
529Kb / 3P
   664 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Plug | Dual Port | Right Angle
664-009-264-002 EDAC-664-009-264-002 Datasheet
529Kb / 3P
   664 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Plug | Dual Port | Right Angle
664-009-264-003 EDAC-664-009-264-003 Datasheet
529Kb / 3P
   664 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Plug | Dual Port | Right Angle
664-009-264-004 EDAC-664-009-264-004 Datasheet
529Kb / 3P
   664 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Plug | Dual Port | Right Angle
More results

Similar Description - 664-455-15

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
665-455-24 OSCILENT-665-455-24 Datasheet
124Kb / 1P
   455 KHz Discriminator
logo
Balluff Korea Ltd.
BIS00PE BALLUFF-BIS00PE Datasheet
671Kb / 4P
   LF (70/455 kHz)
BIS00PP BALLUFF-BIS00PP Datasheet
159Kb / 3P
   LF (70/455 kHz)
BIS002N BALLUFF-BIS002N Datasheet
119Kb / 2P
   LF (70/455 kHz)
BIS0017 BALLUFF-BIS0017 Datasheet
102Kb / 2P
   LF (70/455 kHz)
1.16_2021-07-14
BIS00N3 BALLUFF-BIS00N3 Datasheet
668Kb / 4P
   LF (70/455 kHz)
BIS00P6 BALLUFF-BIS00P6 Datasheet
220Kb / 4P
   LF (70/455 kHz)
BIS000C BALLUFF-BIS000C Datasheet
104Kb / 2P
   LF (70/455 kHz)
BIS0006 BALLUFF-BIS0006 Datasheet
104Kb / 2P
   LF (70/455 kHz)
BIS00H8 BALLUFF-BIS00H8 Datasheet
144Kb / 3P
   LF (70/455 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com