Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1200HG-66H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM1200HG-66H
Description  HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1200HG-66H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM1200HG-66H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1200HG-66H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1200HG-66H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1200HG-66H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1200HG-66H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1200HG-66H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM1200HG-66H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
May 2009
4
MITSUBISHI HVIGBT MODULES
CM1200HG-66H
HIGH POWER SWITCHING USE
INSULATED TYPE
3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
PERFORMANCE CURVES
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE (V)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE (V)
COLLECTOR-EMITTER SATURATION VOLTAGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE (V)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
0
2000
2400
1600
1200
800
400
0
2000
2400
1600
1200
800
400
0
0
34
2
1
05
6
34
2
1
05
6
34
2
1
05
6
68
4
2
010
12
2000
2400
1600
1200
800
400
2000
2400
1600
1200
800
400
Tj = 25
°C
Tj = 125
°C
Tj = 25
°C
Tj = 125
°C
Tj = 25
°C
Tj = 125
°C
VGE = 15V
VCE = 20V
Tj = 125
°C
VGE = 8V
VGE = 20V
VGE = 10V
VGE = 12V
VGE = 15V


Similar Part No. - CM1200HG-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200HG-66H MITSUBISHI-CM1200HG-66H Datasheet
67Kb / 7P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1200HG-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HG-90H MITSUBISHI-CM600HG-90H Datasheet
102Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200HG-130H MITSUBISHI-CM200HG-130H Datasheet
105Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1000E4C-66R MITSUBISHI-CM1000E4C-66R Datasheet
116Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM1500HC-66R MITSUBISHI-CM1500HC-66R Datasheet
117Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM900HG-90H MITSUBISHI-CM900HG-90H Datasheet
101Kb / 7P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com