Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM400TU-2A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # FM400TU-2A
Description  MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FM400TU-2A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  FM400TU-2A_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FM400TU-2A_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FM400TU-2A_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FM400TU-2A_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FM400TU-2A_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb. 2009
5
MITSUBISHI <MOSFET MODULE>
FM400TU-2A
HIGH POWER SWITCHING USE
INSULATED PACKAGE
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
101
102
23
5
7
103
23
5
7
10–3
10–5
10–4
100
10–2
10–1
7
5
3
2
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
23 5 7
23 5 7
Conditions:
VDD = 48V
VGS =
±15V
RG = 6.3
Tch = 25
°C
Inductive load
trr
Irr
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
SOURCE CURRENT IS (A)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
TIME (s)
Single pulse
Tch = 25
°C
Per unit base = Rth(ch-c) = 0.19K/W
CHIP LAYOUT
13
71
12
6
14
W
UV
(110)
(97)
90.8
57.8
47.2
24.8
91.4
58.4
25.4
LABEL SIDE
Th
TrUP
TrUN
TrVP
TrWP
TrWN
TrVN


Similar Part No. - FM400TU-2A_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM400TU-2A MITSUBISHI-FM400TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
logo
Powerex Power Semicondu...
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
More results

Similar Description - FM400TU-2A_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM400TU-07A MITSUBISHI-FM400TU-07A_09 Datasheet
122Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-3A MITSUBISHI-FM600TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-2A MITSUBISHI-FM600TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-07A MITSUBISHI-FM600TU-07A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-3A MITSUBISHI-FM400TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A Datasheet
109Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com