Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM600TU-07A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FM600TU-07A
Description  MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FM600TU-07A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FM600TU-07A_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FM600TU-07A_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FM600TU-07A_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FM600TU-07A_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FM600TU-07A_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUBISHI <MOSFET MODULE>
FM600TU-07A
HIGH POWER SWITCHING USE
INSULATED PACKAGE
FM600TU-07A
APPLICATION
AC motor control of forklift (battery power source), UPS
ID(rms) ..........................................................300A
VDSS............................................................... 75V
Insulated Type
6-elements in a pack
NTC Thermistor inside
UL Recognized
Yellow Card No.E80276
File No.E80271
Feb. 2009
7
12
1
6
13
14
W
UV
14
(SCREWING DEPTH)
Tc measured point
P
N
(7)GUP
(1)SUP
(10)GUN
UV
W
(4)SUN
(8)GVP
(1)SUP
(7)GUP
(13)TH1
(2)SVP
(8)GVP
(3)SWP
(9)GWP
(4)SUN
(10)GUN
(5)SVN
(11)GVN
(6)SWN
A
B
(12)GWN
(14)TH2
(2)SVP
(11)GVN
(5)SVN
(9)GWP
(3)SWP
(12)GWN
(6)SWN
CIRCUIT DIAGRAM
(13)
(14)
6.5
(15.8)
3
(8.7)
7
7
30
36
10
70.9
15.2
30
36
10
3
20
20
20
A
B
14
110
97 ±0.25
35 ±1.0
+1.0
−0.5
16.5
16
16
32
6.5
26
32
32
16.5
14
14
4-φ6.5
7-M6NUTS
MOUNTING HOLES
Housing Type of A and B
(Tyco Electronics P/N:)
A: 917353-1
B: 179838-1
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Similar Part No. - FM600TU-07A_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM600TU-07A MITSUBISHI-FM600TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
logo
Powerex Power Semicondu...
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
More results

Similar Description - FM600TU-07A_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM400TU-07A MITSUBISHI-FM400TU-07A_09 Datasheet
122Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-3A MITSUBISHI-FM600TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-2A MITSUBISHI-FM600TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-2A MITSUBISHI-FM400TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-3A MITSUBISHI-FM400TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A Datasheet
109Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com