Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF0805A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MGF0805A
Description  L & S Band GaAs FET [ SMD non-matched ]
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0805A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MGF0805A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0805A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0805A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF0805A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF0805A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF0805A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF0805A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF0805A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs FET>
MGF0805A
L & S Band GaAs FET [ SMD non-matched ]
Mitsubishi Electric
Sept. / 2009
5
ID
EVM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
15
20
25
30
35
Pout (dBm )
0
100
200
300
400
500
600
700
Bias condition:
VD = 10 V,
IDQ = 400 mA
Modulation signal:
IEEE.802.16 WiMAX A,
Downlink, 64QAM3/4
Example of Circuit Schematic and Characteristics : f = 2.6 GHz
Output
Input
1pF
Z23
Z24
1.5pF
1.5pF
MGF0805A
+VD
-VG
51
1000pF
20pF
20pF
20pF
20pF
Z21
Z22
Z25
Z11
Z12
Z13
Z14
Z15
Z26
4.7uF
100
2pF
2pF
Z11 to Z26 : Microstrip line ( L
× W, Unit: mm )
Z11 : 1.0
× 0.9
Z14 : 3.0
× 0.9
Z22 : 2.1
× 0.9
Z25 : 3.0
× 0.9
Z12 : 0.8
× 0.9
Z15 : 17.6
× 0.5
Z23 : 3.2
× 0.9
Z26 : 17.6
× 0.5
Z13 : 14.5
× 0.9
Z21 : 1.0
× 0.9
Z24 : 10.0
× 0.9
PCB : BT Resin,
εr = 3.4, Substrate thickness = 0.4 mm


Similar Part No. - MGF0805A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0805A MITSUBISHI-MGF0805A Datasheet
325Kb / 8P
   High-power GaAs FET (small signal gain stage)
MGF0805A MITSUBISHI-MGF0805A_11 Datasheet
325Kb / 8P
   High-power GaAs FET (small signal gain stage)
More results

Similar Description - MGF0805A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0920A MITSUBISHI-MGF0920A Datasheet
47Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0913A MITSUBISHI-MGF0913A Datasheet
44Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0916A MITSUBISHI-MGF0916A Datasheet
47Kb / 4P
   L & S BAND GaAs FET ( SMD non - matched )
MGF0917A MITSUBISHI-MGF0917A Datasheet
43Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0919A MITSUBISHI-MGF0919A_05 Datasheet
297Kb / 12P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0918A MITSUBISHI-MGF0918A Datasheet
86Kb / 3P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0915A MITSUBISHI-MGF0915A Datasheet
1Mb / 48P
   L & S BAND GaAs FET[ SMD non - matched ]
MGF0919A MITSUBISHI-MGF0919A Datasheet
43Kb / 4P
   L & S BAND GaAs FET [ SMD non matched ]
MGF0953P MITSUBISHI-MGF0953P Datasheet
217Kb / 4P
   L & S BAND GaAs FET
MGF0912A MITSUBISHI-MGF0912A Datasheet
28Kb / 3P
   L & S BAND GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com