Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25RL1A120 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM25RL1A120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM25RL1A120 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM25RL1A120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM25RL1A120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM25RL1A120
FLAT-BASE TYPE
INSULATED PACKAGE
May 2009
3
Parameter
Symbol
Supply Voltage Protected by
SC
Supply Voltage (Surge)
Storage Temperature
Isolation Voltage
Condition
VCC(surge)
Tstg
Viso
Ratings
VCC(PROT)
800
1000
–40 ~ +125
2500
Unit
V
°C
Vrms
V
VD = 13.5 ~ 16.5V
Inverter Part, Tj = +125
°C Start
Applied between : P-N, Surge value
60Hz, Sinusoidal, Charged part to Base, AC 1 min.
2.15
2.35
3.3
2.0
0.8
1.0
2.8
1.2
1
10
Min.
Typ.
Max.
Collector-Emitter Saturation
Voltage
Collector-Emitter Cutoff
Current
–IC = 25A, VD = 15V, VCIN = 15V
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Parameter
Symbol
Condition
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
0.3
1.65
1.85
2.3
0.8
0.3
0.4
1.2
0.4
Tj = 25
°C
Tj = 125
°C
FWDi Forward Voltage
Switching Time
VD = 15V, VCIN = 0V
↔15V
VCC = 600V, IC = 25A
Tj = 125
°C
Inductive Load
(Fig. 3,4)
VCE = VCES, VD = 15V
(Fig. 5)
VD = 15V, IC = 25A
VCIN = 0V, Pulsed
(Fig. 1)
TOTAL SYSTEM
V
mA
V
µs
Unit
0.97
1.60
0.97
1.60
0.038
°C/W
Rth(j-c)Q
Rth(j-c)F
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
Inverter IGBT part (per 1 element)
(Note-1)
Inverter FWDi part (per 1 element)
(Note-1)
Brake IGBT part
(Note-1)
Brake FWDi upper part
(Note-1)
Case to fin, (per 1 module)
Thermal grease applied
(Note-1)
Symbol
Condition
Unit
Min.
Junction to case Thermal
Resistances
THERMAL RESISTANCES
Contact Thermal Resistance
(Note-1) TC (under the chip) measurement point is below.
Parameter
Limits
Typ.
Max.
UP
IGBT
27.0
–7.0
VP
WP
UN
VN
WN
BR
FWDi
27.0
–0.2
IGBT
66.9
–6.0
FWDi
66.9
0.8
IGBT
86.5
–6.0
FWDi
86.5
0.8
IGBT
39.2
4.0
FWDi
33.2
4.8
IGBT
54.3
4.0
FWDi
60.7
4.8
IGBT
73.9
4.0
FWDi
80.3
4.8
IGBT
20.0
–7.0
Di
21.8
5.8
arm
axis
X
Y
(unit : mm)
Bottom view
* If you use this value, Rth(f-a) should be measured just under the chips.


Similar Part No. - PM25RL1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM25RL1A120 POWEREX-PM25RL1A120 Datasheet
823Kb / 7P
   Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
More results

Similar Description - PM25RL1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com