Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515-4.0M-315A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 515-4.0M-315A
Description  HCMOS / TTL / Clipped Sine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

515-4.0M-315A Datasheet(HTML) 1 Page - Oscilent Corporation

  515-4.0M-315A Datasheet HTML 1Page - Oscilent Corporation 515-4.0M-315A Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TXCO
Series Number
Package
Description
Last Modified
515 ~ 518
14 Pin DIP
HCMOS / TTL / Clipped Sine
Jan. 01 2007
FEATURES
- High stable output over wide temperature range
- Industry standard DIP 14 pin lead spacing
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
515
516
517
518
UNITS
Output
-
TTL
HCMOS
Clipped Sine
Compatible*
-
Frequency Range
fo
1.20 ~ 100.0
9.60 ~ 35.0
1.20 ~ 100.0
MHz
Output
Load
10TTL Load or 15pF HCMOS Load
Max.
10K ohm // 10pF
-
-
Level
High
2.4 VDC
min.
VDD -0.5 VDC
min.
1.0 Vp-p min.
-
-
Low
0.4 VDC
max.
0.5 VDC max.
Frequency Stability
Vs. Temp Range
See Table 1
-
Vs. Input Voltage (5%)
±0.5 max.
PPM
Vs. Load
±0.3 max.
PPM
Vs. Aging (@+25°C)
±1.0 per year
PPM
Input
Voltage
+5.0 ±5% / +3.3 ±5%
VDC
Current
20 max. / 40 max.
3 max.
-
mA
Frequency Adjustment
-
±3.0 min.
PPM
Rise Time / Fall Time
-
10 max.
-
-
nS
Duty Cycle
-
50 ±10% max.
-
-
-
Storage Temperature
(TSTG)
-40 ~ +85
°C
*Compatible (518 Series) meets TTL and HCMOS mode simultaneously
TABLE 1 - FREQUENCY STABILITY - TEMPERATURE TOLERANCE
P/N Code
Temperature
Range
Frequency Stability (PPM)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
A
0 ~ +50°C
x
x
x
x
x
x
x
x
B
-10 ~ +60°C
-x
x
x
x
x
x
x
x
C
-10 ~ +70°C
O
x
x
x
x
x
x
x
D
-20 ~ +70°C
O
x
x
x
x
x
x
x
E
-30 ~ +60°C
-
O
x
x
x
x
x
x
F
-30 ~ +70°C
-
O
x
x
x
x
x
x
G
-30 ~ +75°C
-
-
x
x
x
x
x
x
H
-
-
-
-
x
x
x
x
x
available all
Frequency
O
avail up to 25MHz
only
Page 1 of 2
Oscilent Corporation | 515 - 518 Series TCXO - Temperature Compensated Crystal Oscill...


Similar Part No. - 515-4.0M-315A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
515-4.0M-340D-5 OSCILENT-515-4.0M-340D-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
515-4.0M-340E-5 OSCILENT-515-4.0M-340E-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
515-4.0M-345D-5 OSCILENT-515-4.0M-345D-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
515-4.0M-345E-5 OSCILENT-515-4.0M-345E-5 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 515-4.0M-315A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
501-4.0M-315A OSCILENT-501-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
501 OSCILENT-501 Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
511 OSCILENT-511 Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
511-4.0M-315A OSCILENT-511-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
531 OSCILENT-531 Datasheet
142Kb / 3P
   HCMOS / TTL / Clipped Sine
515 OSCILENT-515 Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
521 OSCILENT-521 Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
521-4.0M-315A OSCILENT-521-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
531-20.0M-515A OSCILENT-531-20.0M-515A Datasheet
142Kb / 3P
   HCMOS / TTL / Clipped Sine
logo
Vanlong Technology Co.,...
TO501 VANLONG-TO501 Datasheet
40Kb / 1P
   Clipped-Sine/CMOS/TTL Leaded TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com