Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

580-22.0M-3C25A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 580-22.0M-3C25A
Description  Clipped Sine Wave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

580-22.0M-3C25A Datasheet(HTML) 1 Page - Oscilent Corporation

  580-22.0M-3C25A Datasheet HTML 1Page - Oscilent Corporation 580-22.0M-3C25A Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCTCXO
Series Number
Package
Description
Last Modified
580
11.8 x 9.9 (4 Pad SMD)
Clipped Sine Wave
Jan. 01 2007
FEATURES
- High stable output over wide temperature range
- 2.2mm height max low profile VCTCXO
- Industry standard 11.8 x 9.9mm 4 Pad
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Waveform
-
Clipped Sine Wave
-
Input Voltage (VDD)
-
3.0 and 3.3 (optional)
5.0 ±10%
VDC
Frequency Range (fO)
-
10.00 ~ 26.00
MHz
Operating Temperature (TOPR)
-
-30 ~ +85
°C
Storage Temperature (TSTG)
-
-40 ~ +120
°C
Frequency Tolerance
at room temperature
±2.5 max.
PPM
Temperature Stability
-30 ~ +85°C
±2.5 max.
PPM
Input Voltage Stability
VDD ±5%
±0.3 max.
PPM
Load Stability
RL ±5%
0.2 max.
PPM
Load Capacitance
-
10 (Typ.)
pF
Input Current (IDD)
-
2 max.
mA
Aging
@ 25°C
±1 max.
PPM/Y
Frequency Deviation
@ VC & ±10 PPM (Typ.)
±3.0 min.
PPM
Control Voltage Range
-
0.5 ~ 2.5
0.5 ~ 4.5
VDC
Output Voltage
Clipped Sine Wave
0.7 P-P min.
1 P-P min.
V
Start-Up Time (TS)
-
4 max.
mS
Harmonics
2nd Harmonic
-3 max.
dBc
3rd Harmonic
-6 max.
Other
-10 max.
Phase Noise (Typ.)
@ 10 Hz offset
-80 max.
dBc/Hz
@ 100 Hz offset
-125 max.
@ 1 KHz offset
-145 max.
@ 10 KHz offset
-148 max.
@ 100 KHz offset
-150 max.
Page 1 of 2
Oscilent Corporation | 580 Series TCXO - Temperature Compensated Crystal Oscillator ...


Similar Part No. - 580-22.0M-3C25A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
580-22.0M-315A-NC OSCILENT-580-22.0M-315A-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-315G-NC OSCILENT-580-22.0M-315G-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-320A-NC OSCILENT-580-22.0M-320A-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-320G-NC OSCILENT-580-22.0M-320G-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-325A-NC OSCILENT-580-22.0M-325A-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
More results

Similar Description - 580-22.0M-3C25A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
   Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
   Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
   Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
   Clipped Sine Wave
580 OSCILENT-580 Datasheet
144Kb / 2P
   Clipped Sine Wave
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
TX7-252 QUARTZCOM-TX7-252 Datasheet
304Kb / 1P
   Miniature SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com