Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200RL1A060 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PM200RL1A060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200RL1A060 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  PM200RL1A060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM200RL1A060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200RL1A060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2009
7
PERFORMANCE CURVES
(Inverter Part)
0
0.5
1.0
1.5
2.0
Tj = 25
°C
13V
VD = 17V
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
15V
0
50
100
150
200
250
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
VD = 15V
Tj = 25
°C
Tj = 125
°C
EMITTER-COLLECTOR VOLTAGE VEC (V)
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
0
0.5
1.0
1.5
2.0
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. VD) CHARACTERISTICS
(TYPICAL)
CONTROL VOLTAGE VD (V)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
12
13
14
15
16
17
18
IC = 200A
Tj = 25
°C
Tj = 125
°C
101
23
5 7
102
23
5 7
103
23
5 7
100
10–1
100
2
3
4
5
7
101
2
3
4
5
7
ton
toff
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
SWITCHING TIME (ton, toff) CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
10–2
10–1
2
3
4
5
7
100
2
3
4
5
7
100
101
23
5 7
102
23
5 7
103
23
5 7
VCC = 300V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
SWITCHING TIME (tc(on), tc(off)) CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
tc(on)
tc(off)
tc(off)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. Ic) CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VD = 15V
Tj = 25
°C
Tj = 125
°C
050
100
150
200
250


Similar Part No. - PM200RL1A060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM200RL1A060 POWEREX-PM200RL1A060 Datasheet
717Kb / 7P
   Three Phase IGBT Inverter Brake 200 Amperes/600 Volts
More results

Similar Description - PM200RL1A060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com