Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19WCAV Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # 19WCAV
Description  Waveguide to Coaxial Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

19WCAV Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  19WCAV Datasheet HTML 1Page - American Accurate Components, Inc. 19WCAV Datasheet HTML 2Page - American Accurate Components, Inc. 19WCAV Datasheet HTML 3Page - American Accurate Components, Inc. 19WCAV Datasheet HTML 4Page - American Accurate Components, Inc. 19WCAV Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Waveguide to Coaxial Adapter
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
3
American Accurate Components, Inc.
Endlaunch W/G to Coaxial Adapter
P/N
Frequency
Range
(GHz)
Waveguide
VSWR
Flange
Connector
Material
51WECAS
15.0-22.0
WR51
1.25
FBP180/FBM180/FBE180
SMA-F
Al/Cu
51WECAK
15.0-22.0
WR51
1.25
FBP180/FBM180/FBE180
2.92K-F
Al/Cu
42WECAS
18.0-26.5
WR42
1.50
FBP220/FBM220/FBE220
SMA-F
Al/Cu
42WECAK
18.0-26.5
WR42
1.50
FBP220/FBM220/FBE220
2.92K -F
Al/Cu
34WECAS
22.0-33.0
WR34
1.50
FBP260/FBM260/FBE260
SMA-F
Al/Cu
34WECAK
22.0-33.0
WR34
1.50
FBP260/FBM260/FBE260
2.92K -F
Al/Cu
28WECAK
26.5-40.0
WR28
1.50
FBP320/FBM320/FBE320
2.92K-F
Al/Cu
22WECA2.4
33.0-50.0
WR22
2.00
FUGP400
2.4mm-F
Cu
19WECAV
40.0-60.0
WR19
2.00
FUGP500
1.85mm-F
Cu
AAC manufactures wide variety of endlaunch
waveguide to coaxial adapter assemblies specially
designed for every customers unique requirements.
Endlaunch Waveguide to Coaxial Adapter can be
assembled with many types of flange. We also offer
many other special configurations, length and hole
size to meet special requirements.
Ordering Information
P/N:
187 WECAN
WR
Product
Size
Code
Example: 187WECAN is a WR187 endlaunch waveguide
to coaxial adapter(N type Female connector).
Note:
1. Customization is available;
2. For detailed information of each endlaunch waveguide to coaxial adapter, please visit the website:
www.aacix.com.


Similar Part No. - 19WCAV

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
19W002-000 ROSENBERGER-19W002-000 Datasheet
56Kb / 1P
   EXTRACTION TOOL
19W002-000-DB ROSENBERGER-19W002-000-DB Datasheet
56Kb / 1P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
19W009-000 ROSENBERGER-19W009-000 Datasheet
80Kb / 1P
   EXTRACTION TOOL
More results

Similar Description - 19WCAV

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
   WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
Mini-Circuits
NM-SM50++ MINI-NM-SM50+ Datasheet
135Kb / 1P
   Coaxial Adapter, N-MALE to SMA-M
SM-BF50++ MINI-SM-BF50+ Datasheet
102Kb / 1P
   Coaxial Adapter, SMA-M to BNC-F
NF-NF50++ MINI-NF-NF50+ Datasheet
119Kb / 1P
   Coaxial Adapter, N-FEM to N-FEM
logo
Advanced Technical Mate...
750-251-XX ATM-750-251-XX Datasheet
85Kb / 1P
   OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
580-251-XX ATM-580-251-XX Datasheet
82Kb / 1P
   OUTLINE, WRD580 SMA - WAVEGUIDE ADAPTER
logo
Mini-Circuits
SF-SF50++ MINI-SF-SF50+ Datasheet
132Kb / 1P
   Coaxial Adapter, SMA-F to SMA-F
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
logo
Winchester Electronics ...
TRU-13018 WINCHESTER-TRU-13018 Datasheet
79Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(m) to N(f) ADAPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com