Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA6018N2820 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CA6018N2820
Description  Broadband Medium Power Amplifiers 1 to 18GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CA6018N2820 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CA6018N2820 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Broadband Medium Power Amplifiers 1 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Medium Power Amplifiers
1
to 18GHz
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
CA1020N3220
1 - 2
29
35
4.0
20
± 1.3
30
2:1
300
4I,4MH
CA2040N2120
2 - 4
18
24
5.5
20
± 1.4
30
2:1
250
4I,4MH
CA2040N2920
2 - 4
26
33
5
20
± 1.3
30
2:1
300
4I,4MH
CA2040N3720
2 - 4
34
41
5.5
20
± 1.5
30
2:1
300
6I,6MH
CA2040N4220
2 - 4
38
46
5.5
20
± 1.8
30
2:1
300
6I,6MH
CA2040N2923
2 - 4
26
33
5
23
± 1.3
30
2:1
300
4I,4MH
CA2040N3723
2 - 4
34
41
5.5
23
± 1.5
30
2:1
300
6I,6MH
CA2040N4223
2 - 4
38
46
5.5
23
± 1.8
30
2:1
300
6I,6MH
CA2080N2120
2 - 8
18
24
5.5
20
± 1.8
30
2:1
350
4I,4MH
CA2080N2920
2 - 8
26
33
5.0
20
± 1.8
30
2:1
350
4I,4MH
CA2080N3720
2 - 8
34
41
5.0
20
± 1.8
30
2:1
400
6I,6MH
CA2080N4220
2 - 8
38
46
5.5
20
± 1.8
30
2:1
450
6I,6MH
CA2080N2923
2 - 8
26
33
5.0
23
± 1.8
30
2:1
350
4I,4MH
CA2080N3723
2 - 8
34
41
5.0
23
± 1.8
30
2:1
400
6I,6MH
CA2080N4223
2 - 8
38
46
5.5
23
± 1.8
30
2:1
450
6I,6MH
CA1018N2420
1 - 18
21
28
6.5
20
± 1.8
30
2.2:1
280
4I,4MH
CA1018N3220
1 - 18
28
36
6.0
20
± 2.0
30
2.2:1
380
6I,6MH
CA1018N4020
1 - 18
35
45
6.5
20
± 2.5
28
2.5:1
480
6I,6MH
CA2018N2420
2 - 18
21
28
6.5
20
± 1.8
30
2.2:1
280
4I,4MH
CA2018N3220
2 - 18
28
36
6.0
20
± 2.0
30
2.2:1
380
6I,6MH
CA2018N4020
2 - 18
35
45
6.5
20
± 2.5
28
2.5:1
480
6I,6MH
CA4080N2120
4 - 8
18
24
5
20
± 1.4
30
2:1
250
4I,4MH
CA4080N2820
4 - 8
25
31
4.5
20
± 1.5
30
2:1
350
4I,4MH
CA4080N3520
4 - 8
32
39
4.5
20
± 1.8
30
2:1
400
6I,6MH
CA4080N4215
4 - 8
38
46
5.0
20
± 2
30
2:1
450
6I,6MH
CA6018N2120
6 - 18
18
24
5.5
20
± 1.8
30
2:1
280
4I,4MH
CA6018N2820
6 - 18
24
32
5.2
20
± 1.5
30
2:1
380
4I,4MH
CA6018N3520
6 - 18
31
39
5.2
20
± 1.8
30
2:1
380
6I,6MH
CA6018N4220
6 - 18
38
46
5.5
20
± 2.2
30
2:1
400
8I,46
CA6018N4920
6 - 18
45
53
5.5
20
± 2.2
30
2:1
480
8I,46
CA8012N2120
8 - 12
18
24
5
20
± 1.4
30
2:1
250
4I,4MH
CA8012N2820
8 - 12
24
31
4.5
20
± 1.4
30
2:1
350
4I,4MH
CA8012N3520
8 - 12
32
38
5
20
± 1.5
30
2:1
450
6I,6MH
CA8012N4220
8 - 12
39
46
5
20
± 1.8
30
2:1
450
8I,46
CA8012N4920
8 - 12
45
53
6
20
± 1.8
30
2:1
500
8I,46
CA8018N2120
8 - 18
18
24
5.5
20
± 1.8
30
2:1
400
4I,4MH
CA8018N2820
8 - 18
24
32
5.0
20
± 1.5
30
2:1
450
4I,4MH
CA8018N3520
8 - 18
32
39
5.0
20
± 1.8
30
2:1
450
6I,6MH
CA8018N4220
8 - 18
39
46
5.5
20
± 1.7
30
2:1
500
8I,46
CA8018N4920
8 - 18
45
53
5.5
20
± 2.0
30
2:1
500
8I,46
Notes:
1. Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Design Available


Similar Part No. - CA6018N2820

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CA6018N2810 AAC-CA6018N2810 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
CA6018N2815 AAC-CA6018N2815 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
More results

Similar Description - CA6018N2820

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
LA1020N3220 AAC-LA1020N3220 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
logo
RF Micro Devices
RF1128 RFMD-RF1128 Datasheet
383Kb / 6P
   BROADBAND MEDIUM POWER
RF1236 RFMD-RF1236 Datasheet
935Kb / 9P
   BROADBAND MEDIUM POWER DIFFERENTIAL
logo
American Accurate Compo...
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com