Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA8012N4915 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CA8012N4915
Description  Broadband Small Signal Amplifier 0.5 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CA8012N4915 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CA8012N4915 Datasheet HTML 1Page - American Accurate Components, Inc. CA8012N4915 Datasheet HTML 2Page - American Accurate Components, Inc. CA8012N4915 Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Broadband Small Signal Amplifier 0.5 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Small Signal Amplifiers
0. 5
to
18GHz
Gain
P/N
Freq. Range
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
CA0510N1610
0.5 - 1
14
18
4.0
10
± 0.5
20
2:1
120
2I,2MH
CA0510N3210
0.5 - 1
29
35
4.0
10
± 1
20
2:1
200
4I,3MH
CA0510N1614
0.5 - 1
14
18
4.0
14
± 0.5
20
2:1
120
2I,2MH
CA0510N3214
0.5 - 1
29
35
4.0
14
± 1
20
2:1
200
4I,3MH
CA0520N1610
0.5 - 2
14
18
4.0
10
± 1.0
20
2:1
120
2I,2MH
CA0520N3210
0.5 - 2
29
35
4.0
10
± 1.4
20
2:1
200
4I,3MH
CA0520N1614
0.5 - 2
14
18
4.0
14
± 1.0
20
2:1
120
2I,2MH
CA0520N3214
0.5 - 2
29
35
4.0
14
± 1.4
20
2:1
200
4I,3MH
CA1020N1610
1 - 2
14
18
4.0
10
± 0.8
20
2:1
120
2I,2MH
CA1020N3214
1 - 2
29
35
4.0
14
± 1.4
20
2:1
200
4I,3MH
CA2040N1409
2 - 4
12
17
4.5
9
± 1.3
20
2:1
150
2I,2MH
CA2040N2109
2 - 4
19
24
4.0
9
± 1.0
20
2:1
150
4I,3MH
CA2040N2810
2 - 4
25
31
4.0
10
± 1.3
20
2:1
150
4I,4MH
CA2040N3510
2 - 4
32
39
4.5
10
± 1.5
25
2:1
200
6I,6MH
CA2040N4210
2 - 4
38
46
4.5
10
± 1.5
25
2:1
300
6I,6MH
CA2040N1613
2 - 4
14
19
4.8
13
± 1.3
20
2:1
150
2I,2MH
CA2040N2113
2 - 4
19
24
4.0
13
± 1.0
20
2:1
150
4I,3MH
CA2040N2815
2 - 4
25
31
4.0
15
± 1.3
20
2:1
150
4I,4MH
CA2040N3515
2 - 4
32
39
4.5
15
± 1.5
25
2:1
200
6I,6MH
CA2040N4215
2 - 4
38
46
4.5
15
± 1.5
25
2:1
300
6I,6MH
CA2080N1609
2 - 8
14
19
4.5
9
± 1.5
20
2:1
150
2I,2MH
CA2080N2109
2 - 8
18
24
4.5
9
± 1.5
20
2:1
150
4I,3MH
CA2080N2810
2 - 8
25
32
4.0
10
± 1.5
20
2:1
250
4I,4MH
CA2080N4210
2 - 8
38
46
4.5
10
± 2.0
25
2:1
300
6I,6MH
CA2080N3510
2 - 8
32
39
4.5
10
± 1.8
25
2:1
350
6I,6MH
CA2080N1613
2 - 8
14
19
5.0
13
± 1.5
20
2:1
150
2I,2MH
CA2080N2113
2 - 8
18
24
4.5
13
± 1.5
20
2:1
250
4I,3MH
CA2080N2815
2 - 8
25
32
4.0
15
± 1.5
20
2:1
250
4I,4MH
CA2080N3515
2 - 8
32
39
4.5
15
± 1.8
25
2:1
350
6I,6MH
CA2080N4215
2 - 8
38
46
4.5
15
± 2.0
25
2:1
350
6I,6MH
CA1018N2409
1 - 18
21
28
5.5
9
± 2.0
18
2.2:1
200
4I,4MH
CA1018N3209
1 - 18
28
36
5.5
9
± 2.2
18
2.2:1
300
6I,6MH
CA1018N4009
1 - 18
36
45
6.0
9
± 2.5
18
2.5:1
350
6I,6MH
CA1018N2414
1 - 18
21
28
7.0
14
± 2.0
23
2.2:1
280
4I,4MH
CA1018N3214
1 - 18
28
36
7.0
14
± 2.2
23
2.2:1
350
6I,6MH
CA1018N4014
1 - 18
36
45
7.0
14
± 2.5
23
2.5:1
450
6I,6MH
CA2018N1809
2 - 18
15
21
5.5
9
± 2.2
18
2.2:1
180
4I,3MH
CA2018N2409
2 - 18
21
28
5.5
9
± 2.0
18
2.2:1
200
4I,4MH
CA2018N3209
2 - 18
28
36
5.5
9
± 2.2
18
2.2:1
300
6I,6MH
CA2018N4009
2 - 18
36
45
6.0
9
± 2.5
18
2.5:1
350
6I,6MH
CA2018N1814
2 - 18
15
21
7.5
14
± 2.2
23
2.2:1
250
4I,3MH
CA2018N2414
2 - 18
21
28
7.0
14
± 2.0
23
2.2:1
280
4I,4MH
CA2018N3214
2 - 18
28
36
7.0
14
± 2.2
23
2.2:1
350
6I,6MH
CA2018N4014
2 - 18
36
45
7.0
14
± 2.5
23
2.5:1
450
6I,6MH


Similar Part No. - CA8012N4915

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CA8012N4920 AAC-CA8012N4920 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
More results

Similar Description - CA8012N4915

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com