Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1303A-1G1EMFTR Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1303A-1G1EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303A-1G1EMFTR Datasheet(HTML) 3 Page - Microchip Technology

  TC1303A-1G1EMFTR Datasheet HTML 1Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 2Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 3Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 4Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 5Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 6Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 7Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 8Page - Microchip Technology TC1303A-1G1EMFTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21949C-page 3
TC1303A/TC1303B/TC1303C/TC1304
Functional Block Diagram – TC1303
Synchronous Buck Regulator
NDRV
PDRV
PGND
VIN1
LX
Driver
PGND
Control
VOUT1/VFB1
VIN2
SHDN1
PG
VREF
LDO
VOUT2
AGND
AGND
PGND
Undervoltage Lockout
UVLO
UVLO
SHDN2
VREF
TC1303A(1),B(2),C(1) options
PG Generator with Delay
(UVLO)
Sense LDO for B,C
Sense Switcher for A,C
Note 1: PG open-drain for A,C options
2: PG push-pull output for B option


Similar Part No. - TC1303A-1G1EMFTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303A-AA0EMF MICROCHIP-TC1303A-AA0EMF Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A-AA0EMFTR MICROCHIP-TC1303A-AA0EMFTR Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A-AA0EUN MICROCHIP-TC1303A-AA0EUN Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A-AA0EUNTR MICROCHIP-TC1303A-AA0EUNTR Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A-AA1EMF MICROCHIP-TC1303A-AA1EMF Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
More results

Similar Description - TC1303A-1G1EMFTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com