Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1359 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK1359
Description  N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1359 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK1359 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1359 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1359 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1359 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1359 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1359 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK1359
2002-09-04
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSII
.5
)
2SK1359
DC−DC Converter and Motor Drive Applications
Low drain−source ON resistance
: RDS (ON) = 3.0 Ω (typ.)
High forward transfer admittance
: |Yfs| = 2.0 S (typ.)
Low leakage current
: IDSS = 300 µA (max) (VDS = 800 V)
Enhancement−mode
: Vth = 1.5~3.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
1000
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
1000
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
5
Drain current
Pulse (Note 1)
IDP
15
A
Drain power dissipation (Tc = 25°C)
PD
125
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.0
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
50
°C / W
Note 1: Please use devices on condition that the channel temperature is below 150°C.
This transistor is an electrostatic sensitive device.
Please handle with caution.
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURCE
JEDEC
JEITA
TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)


Similar Part No. - 2SK1359

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1359 TOSHIBA-2SK1359 Datasheet
806Kb / 6P
   Silicon N Channel MOS Type (짰#8722;MOSII.5) DC−DC Converter and Motor Drive Applications
2SK1359 TOSHIBA-2SK1359 Datasheet
415Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1359 TOSHIBA-2SK1359 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK1359 ISC-2SK1359 Datasheet
829Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1359 TOSHIBA-2SK1359_06 Datasheet
806Kb / 6P
   Silicon N Channel MOS Type (짰#8722;MOSII.5) DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK1359

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2847 TOSHIBA-2SK2847 Datasheet
286Kb / 5P
   N CHANNEL MOS TYPE HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2718 TOSHIBA-2SK2718 Datasheet
285Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2717 TOSHIBA-2SK2717 Datasheet
283Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1119 TOSHIBA-2SK1119 Datasheet
255Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1120 TOSHIBA-2SK1120 Datasheet
255Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com