Electronic Components Datasheet Search |
|
LM385BZ-1.2 Datasheet(PDF) 2 Page - Motorola, Inc |
|
LM385BZ-1.2 Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 7 page LM285 LM385, B 2 MOTOROLA ANALOG IC DEVICE DATA MAXIMUM RATINGS (TA = 25°C, unless otherwise noted) Rating Symbol Value Unit Reverse Current IR 30 mA Forward Current IF 10 mA Operating Ambient Temperature Range TA °C LM285 LM385 – 40 to + 85 0 to +70 Operating Junction Temperature TJ + 150 °C Storage Temperature Range Tstg – 65 to + 150 °C ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted) LM285–1.2 LM385–1.2/LM385B–1.2 Characteristic Symbol Min Typ Max Min Typ Max Unit Reverse Breakdown Voltage (IRmin p IR p 20 mA) V(BR)R V LM285–1.2/LM385B–1.2 1.223 1.235 1.247 1.223 1.235 1.247 TA = Tlow to Thigh (Note 1) 1.200 – 1.270 1.210 – 1.260 LM385–1.2 – – – 1.205 1.235 1.260 TA = Tlow to Thigh (Note 1) – – – 1.192 – 1.273 Minimum Operating Current IRmin µA TA = 25°C – 8.0 10 – 8.0 15 TA = Tlow to Thigh (Note 1) – – 20 – – 20 Reverse Breakdown Voltage Change with Current ∆V(BR)R mV IRmin p IR p 1.0 mA, TA = +25°C – – 1.0 – – 1.0 TA = Tlow to Thigh (Note 1) – – 1.5 – – 1.5 1.0 mA p IR p 20 mA, TA = +25°C – – 10 – – 20 TA = Tlow to Thigh (Note 1) – – 20 – – 25 Reverse Dynamic Impedance Z 0.6 – – 0.6 – W IR = 100 µA, TA = +25°C Average Temperature Coefficient ∆V(BR)/∆T – 80 – – 80 – ppm/ °C 10 µA p IR p 20 mA, TA = Tlow to Thigh (Note 1) Wideband Noise (RMS) n – 60 – – 60 – µV IR = 100 µA, 10 Hz p f p 10 kHz Long Term Stability S – 20 – – 20 – ppm/ IR = 100 µA, TA = +25°C ± 0.1°C kHR |
Similar Part No. - LM385BZ-1.2 |
|
Similar Description - LM385BZ-1.2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |