Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP40D17 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 4Page - Microchip Technology MCP40D17 Datasheet HTML 5Page - Microchip Technology MCP40D17 Datasheet HTML 6Page - Microchip Technology MCP40D17 Datasheet HTML 7Page - Microchip Technology MCP40D17 Datasheet HTML 8Page - Microchip Technology MCP40D17 Datasheet HTML 9Page - Microchip Technology MCP40D17 Datasheet HTML 10Page - Microchip Technology MCP40D17 Datasheet HTML 11Page - Microchip Technology MCP40D17 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
MCP40D17/18/19
DS22152B-page 8
© 2009 Microchip Technology Inc.
Digital Inputs/Outputs (SDA, SCK)
Schmitt Trigger
High Input
Threshold
VIH
0.7 VDD
——
V
1.8V
≤ V
DD ≤ 5.5V
Schmitt Trigger
Low Input
Threshold
VIL
-0.5
0.3VDD
V
Hysteresis of
Schmitt Trigger
Inputs (Note 5)
VHYS
—0.1VDD
V
All inputs except SDA and SCL
N.A.
V
SDA
and
SCL
100 kHz
VDD < 2.0V
N.A.
V
VDD ≥ 2.0V
0.1 VDD
——
V
400 kHz
VDD < 2.0V
0.05 VDD
——
V
VDD ≥ 2.0V
Output Low
Voltage (SDA)
VOL
VSS
—0.2VDD
VVDD < 2.0V, IOL = 1 mA
VSS
—0.4
V
VDD ≥ 2.0V, IOL = 3 mA
Input Leakage
Current
IIL
-1
1
µA
VIN = VDD and VIN = VSS
Pin Capacitance
CIN, COUT
—10
pF
fC = 400 kHz
RAM (Wiper) Value
Value Range
N
0h
7Fh
hex
Wiper POR/BOR
Value
NPOR/BOR
3Fh
hex
Power Requirements
Power Supply
Sensitivity
(MCP40D18 only)
PSS
0.0005
0.0035
%/%
VDD = 2.7V to 5.5V,
VA = 2.7V, Code = 3Fh
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP40D18 device only, includes VWZSE and VWFSE.
4:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
5:
This specification by design.
6:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
7:
POR/BOR is not rate dependent.
8:
Supply current is independent of current through the resistor network


Similar Part No. - MCP40D17

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4011 MICROCHIP-MCP4011 Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/CH MICROCHIP-MCP4011-103E/CH Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MC MICROCHIP-MCP4011-103E/MC Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MS MICROCHIP-MCP4011-103E/MS Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/OT MICROCHIP-MCP4011-103E/OT Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
More results

Similar Description - MCP40D17

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
   7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
   7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
   7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP414X MICROCHIP-MCP414X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
2008
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP47A1T-A0E-LT MICROCHIP-MCP47A1T-A0E-LT Datasheet
1Mb / 70P
   6-Bit Volatile DAC with Command Code
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com