Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB7101AFT5L3.3 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB7101AFT5L3.3
Description  Buck DC-DC Converter IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7101AFT5L3.3 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB7101AFT5L3.3 Datasheet HTML 6Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 7Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 8Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 9Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 10Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 11Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 12Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 13Page - Toshiba Semiconductor TB7101AFT5L3.3 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TB7101AF(T5L1.2,F)/(T5L1.5,F)/(T5L1.8,F)/(T5L2.5,F)/(T5L3.3,F)
2008-05-22
10
Application Circuit Example
Figure 1
TB7101AF(T5L*.*,F) Application Circuit Example
Component values (@TB7101AF (T5L3.3, F), VIN = 5 V, Ta = 25°C)
These values are presented only as a guide.
CIN:
Input filter capacitor = 10
μF
(ceramic capacitor: GRM21BB30J106K from Murata Manufacturing Co., Ltd.)
COUT: Output filter capacitor = 10 μF
(ceramic capacitor: GRM21BB30J106K from Murata Manufacturing Co., Ltd.)
L:
Inductor = 3.3
μH (NP04SB3R3N from Taiyo Yuden Co., Ltd.)
Component values (@TB7101AF (T5L1.2, F), VIN = 5 V, Ta = 25°C)
These values are presented only as a guide.
CIN:
Input filter capacitor = 10
μF
(ceramic capacitor: GRM21BB30J106K from Murata Manufacturing Co., Ltd.)
COUT: Output filter capacitor = 22 μF
(ceramic capacitor: GRM31CB30J226K from Murata Manufacturing Co., Ltd.)
L:
Inductor = 3.3
μH (NP04SB3R3N from Taiyo Yuden Co., Ltd.)
Component values need to be adjusted, depending on the TB7101AF’s input/output conditions and the board layout.
Application Notes
Inductor Selection
The inductance required for inductor L can be calculated as follows:
IN
OUT
L
osc
OUT
IN
V
V
I
f
V
V
L
Δ
=
········· (1)
VIN
: Input voltage (V)
VOUT : Output voltage (V)
fosc
: Oscillation frequency
= 1 MHz (typ.)
ΔIL
: Inductor ripple current (A)
*: Generally,
ΔIL should be set to approximately 30% of the maximum output current. Since the maximum output
current of the TB7101AF is 1 A,
ΔIL should be 0.3 A or so. Therefore, the inductor should have a current rating
greater than the peak output current of 1.15 A. If the inductor current rating is exceeded, the inductor becomes
saturated, leading to an unstable DC-DC converter operation.
When TB7101AF (T5L3.3, F) and VIN = 5 V, the required inductance can be calculated as follows. Be sure to
select an appropriate inductor, taking the VIN range into account.
PGND
TB7101AF (T5L*.*, F)
SGND
GND
VOUT
LX
VFB
GND
VIN
EN
VIN
L


Similar Part No. - TB7101AFT5L3.3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
More results

Similar Description - TB7101AFT5L3.3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
   Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com