Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MBL6353SFK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7MBL6353SFK
Description  Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL6353SFK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7MBL6353SFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC7MBL6353SFT/FK/FTG
2008-08-05
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MBL6353SFT,TC7MBL6353SFK,TC7MBL6353SFTG
Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
The TC7MBL6353S is a Low Voltage/Low Capacitance CMOS
Dual 1-of-2 Multiplexer/Demultiplexer. The low on-resistance of the
switch allows connections to be made with minimal propagation
delay time.
This device consists of two individual two-inputs multiplexer/
demultiplexer with common select input (S) and output enable ( OE ).
The A input is connected to the B1 or B2 outputs as determined by
the combination of both the select input (S) and output enable ( OE ).
When the output enable ( OE ) input is held at “H” level, the switches
are open regardless of the state of the select inputs, and a
high-impedance state exists between the switches.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage: VCC = 1.65 to 3.6 V
• Low capacitance: CI/O = 15 pF Switch On (typ.) @3 V
• Low on-resistance: RON = 9 Ω (typ.) @3 V
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection for inputs ( OE input only)
• Package: TSSOP14,VSSOP (US14), VQON16
Note: When mounting VQON package, the type of recommended flux is RA or RMA.
TC7MBL6353SFT
TC7MBL6353SFK
TC7MBL6353SFTG
VQON16-P-0303-0.50
Weight
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
VQON16-P-0303-0.50
: 0.013 g(typ.)


Similar Part No. - TC7MBL6353SFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL6353SFK TOSHIBA-TC7MBL6353SFK Datasheet
307Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
More results

Similar Description - TC7MBL6353SFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL6353SFT TOSHIBA-TC7MBL6353SFT Datasheet
307Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
TC7MB3257CFT TOSHIBA-TC7MB3257CFT Datasheet
268Kb / 11P
   Low Capacitance Quad 1-of-2 Multiplexer/Demultiplexer
2014-03-01
logo
Integrated Device Techn...
IDT74CBTLV3253 IDT-IDT74CBTLV3253 Datasheet
148Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
IDT74CBTLV3253 IDT-IDT74CBTLV3253_14 Datasheet
104Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
74CBTLV3253 RENESAS-74CBTLV3253 Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
Texas Instruments
SN74CBTLV3253 TI-SN74CBTLV3253_08 Datasheet
732Kb / 17P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3253 TI-SN74CBTLV3253 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV16235 TI-SN74CBTLV16235 Datasheet
139Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 18-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com