Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SZ34AFS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SZ34AFS
Description  NON-INVERTER BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ34AFS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ34AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ34AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SZ34AFS
2009-09-09
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65 to
1.95
VCC
×0.75
VCC
×0.75
High-level input
voltage
VIH
2.3 to 5.5
VCC
×0.7
VCC
×0.7
1.65 to
1.95
VCC
×0.25
VCC
×0.25
Low-level input
voltage
VIL
2.3 to 5.5
VCC
×0.3
VCC
×0.3
V
1.65
1.55
1.65
1.55
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High-level
Output voltage
VOH
VIN = VIH
IOH = −32 mA
4.5
3.8
4.2
3.8
1.65
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Low-level
output voltage
VOL
VIN = VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
Quiescent
supply current
ICC
VIN = 5.5V or GND
5.5
2
20
μA


Similar Part No. - TC7SZ34AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ34F TOSHIBA-TC7SZ34F Datasheet
175Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ34FE TOSHIBA-TC7SZ34FE Datasheet
158Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ34FU TOSHIBA-TC7SZ34FU Datasheet
175Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ34FU TOSHIBA-TC7SZ34FU_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
More results

Similar Description - TC7SZ34AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH34F TOSHIBA-TC7SH34F_09 Datasheet
173Kb / 7P
   Non-Inverter Buffer
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
   Non-Inverter
TC7SG34FU TOSHIBA-TC7SG34FU Datasheet
170Kb / 6P
   NON-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE_09 Datasheet
169Kb / 6P
   NON-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SG34AFS TOSHIBA-TC7SG34AFS Datasheet
175Kb / 6P
   Non-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE Datasheet
165Kb / 6P
   NON-Inverter
logo
National Semiconductor ...
MM54HC34 NSC-MM54HC34 Datasheet
97Kb / 4P
   Non-Inverter
MM74HCT34 NSC-MM74HCT34 Datasheet
125Kb / 3P
   Non-Inverter
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com