Selected language     English  ▼


TC7SZ86AFS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7SZ86AFS
Description  2-Input EXCLUSIVE OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7SZ86AFS
2009-09-09
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65 to
1.95
VCC
× 0.75
VCC
× 0.75
High-level input
voltage
VIH
2.3 to 5.5
VCC
× 0.7
VCC
× 0.7
1.65 to
1.95
VCC
×0.25
VCC
×0.25
Low-level input
voltage
VIL
2.3 to 5.5
VCC
× 0.3
VCC
× 0.3
V
1.65
1.55
1.65
1.55
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High-level
Output voltage
VOH
VIN = VIH
or VIL
IOH = −32 mA
4.5
3.8
4.2
3.8
1.65
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Low-level
output voltage
VOL
VIN = VIH
or VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
Quiescent
supply current
ICC
VIN = 5.5V or GND
5.5
2
20
μA




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl