Selected language     English  ▼


TC7SZ86F_09 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7SZ86F_09
Description  2-Input EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TC7SZ86F/FU
2009-09-09
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
5.7
11.5
2.0
12.0
2.5
± 0.2
0.8
3.8
8.0
0.8
8.5
3.3
± 0.3
0.5
3.0
5.7
0.5
6.0
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
2.4
5.0
0.5
5.4
ns
3.3
± 0.3
1.2
3.5
6.2
1.2
6.5
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
2.9
5.4
0.8
5.8
ns
Input capacitance
CIN
0 to 5.5
4
pF
3.3
21
Power dissipation capacitance
CPD
(Note 7)
5.5
24
pF
Note 7: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl