Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SZ86FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SZ86FU
Description  2-Input EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ86FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SZ86FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7SZ86F/FU
2009-09-09
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
5.7
11.5
2.0
12.0
2.5
± 0.2
0.8
3.8
8.0
0.8
8.5
3.3
± 0.3
0.5
3.0
5.7
0.5
6.0
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
2.4
5.0
0.5
5.4
ns
3.3
± 0.3
1.2
3.5
6.2
1.2
6.5
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
2.9
5.4
0.8
5.8
ns
Input capacitance
CIN
0 to 5.5
4
pF
3.3
21
Power dissipation capacitance
CPD
(Note 7)
5.5
24
pF
Note 7: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ86FU TOSHIBA-TC7SZ86FU Datasheet
175Kb / 7P
   EXCLUSIVE OR Gate
More results

Similar Description - TC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com