Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WBL3305CFK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7WBL3305CFK
Description  Low Voltage / Low Capacitance Dual Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WBL3305CFK Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7WBL3305CFK Datasheet HTML 2Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 3Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 4Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 5Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 6Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 7Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 8Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 9Page - Toshiba Semiconductor TC7WBL3305CFK Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC7WBL3306CFK,3305CFK
2009-07-01
7
AC Test Circuit
AC Waveform
Parameter
Switch
tpLZ, tpZL
2
× VCC
tpHZ, tpZH
GND
Open
2
× VCC
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
Figure 2 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
VOH
GND
VCC
50%
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
50%
VOL
VOH
Outputs
enabled
50%
tpLZ
tpZL
90%
Outputs
disabled
Outputs
enabled
Output Enable
( OE (3306C) or OE(3305C))
Output (A, B)
Low to Off to Low
Output (A, B)
High to Off to High
10%


Similar Part No. - TC7WBL3305CFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125FK TOSHIBA-TC7WBL125FK Datasheet
104Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
More results

Similar Description - TC7WBL3305CFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SBL66CFU TOSHIBA-TC7SBL66CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
TC7MBL6125SFT TOSHIBA-TC7MBL6125SFT Datasheet
251Kb / 11P
   Quad Low Voltage/Low Capacitance Bus Switch
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7MBL3125CFT TOSHIBA-TC7MBL3125CFT Datasheet
244Kb / 12P
   Low Voltage/Low Capacitance Quad Bus Switch
TC7MBL3245CFT TOSHIBA-TC7MBL3245CFT Datasheet
252Kb / 12P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7MB3244CFT TOSHIBA-TC7MB3244CFT Datasheet
294Kb / 12P
   Low Capacitance Octal Bus Switch
2014-03-01
TC7MB3125CFT TOSHIBA-TC7MB3125CFT Datasheet
289Kb / 11P
   Low Capacitance Quad Bus Switch
2014-03-01
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
logo
ON Semiconductor
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899B ONSEMI-NLAS3899B Datasheet
139Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
July, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com