Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WPB9307FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC7WPB9307FK
Description  Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WPB9307FK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC7WPB9307FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 9Page - Toshiba Semiconductor TC7WPB9307FK Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC7WPB9306,9307FC/FK
2009-03-03
6
AC Characteristics (Ta
= −40 to 85°C, Input: tr = tf = 2.0 ns,f=10kHz)
VCCA= 3.3 ± 0.3 V, VCCB= 5.0 ± 0.5 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(Bus to Bus)
tpLH
Figures 3 and 5
(Note)
0.3
Propagation delay time
(Bus to Bus)
tpHL
Figures 3 and 5
(Note)
1.2
Output enable time
tpZL
Figures 4 and 6
9.0
Output disable time
tpLZ
Figures 4 and 6
11.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when
driven by an ideal voltage the source (zero output impedance).
VCCA= 2.5 ± 0.2 V, VCCB= 5.0 ± 0.5 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(Bus to Bus)
tpLH
Figures 3 and 5
(Note)
0.35
Propagation delay time
(Bus to Bus)
tpHL
Figures 3 and 5
(Note)
1.8
Output enable time
tpZL
Figures 4 and 6
13.0
Output disable time
tpLZ
Figures 4 and 6
15.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when
driven by an ideal voltage the source (zero output impedance).
VCCA = 2.5 ± 0.2 V, VCCB= 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(Bus to Bus)
tpLH
Figures 3 and 5
(Note)
0.45
Propagation delay time
(Bus to Bus)
tpHL
Figures 3 and 5
(Note)
2.2
Output enable time
tpZL
Figures 4 and 6
17.0
Output disable time
tpLZ
Figures 4 and 6
19.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when
driven by an ideal voltage the source (zero output impedance).
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCCA (V) VCCB (V)
Typ.
Unit
Control input capacitance
CIN
3.3
3.3
3
SW=ON
3.3
3.3
14
Switch input/output capacitance
CI/O
SW=OFF
3.3
3.3
7
pF


Similar Part No. - TC7WPB9307FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB306FK TOSHIBA-TC7WPB306FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FC TOSHIBA-TC7WPB307FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FK TOSHIBA-TC7WPB307FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
More results

Similar Description - TC7WPB9307FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPB9307FT TOSHIBA-TC7MPB9307FT Datasheet
255Kb / 13P
   Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
TC7SPB9306TU TOSHIBA-TC7SPB9306TU Datasheet
342Kb / 12P
   Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7SP3125TU TOSHIBA-TC7SP3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com