Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC20F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC20F
Description  Dual 4-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC20F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC20F_08 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC20F_08 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHC20F/FN/FT/FK
2008-05-01
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
4.6
6.6
1.0
8.0
3.3 ± 0.3
50
7.1
10.1
1.0
11.5
15
3.3
5.0
1.0
6.0
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
4.8
7.0
1.0
8.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
19
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/2 (per gate)
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC20F_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC20F TOSHIBA-TC74VHC20F_07 Datasheet
220Kb / 8P
   Dual 4-Input NAND Gate
More results

Similar Description - TC74VHC20F_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com