Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB21A Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCR5SB21A
Description  150 mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB21A Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCR5SB21A Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB21A Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TCR5SB15A~TCR5SB50A
2008-11-11
8
Representative Typical Characteristics
1) Output Voltage vs. Input Voltage
2) Output Voltage vs. Output Current
TCR5SB18A
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
Output current IOUT (mA)
150
75
45
0
1.7
1.8
1.9
15
30
60
90
105 120 135
45
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
Output current IOUT (mA)
TCR5SB15A
1.6
1.5
1.4
0
15
30
60
75
90
105
135 150
120
CIN = 0.1 μF, COUT = 1 μF
50 mA
150 mA
IOUT = 10 mA
3.5
3
2
0
6
5
4
3
1
TCR5SB30A
Input voltage VIN (V)
0
0.5
1
1.5
2
2.5
CIN = 0.1 μF, COUT = 1 μF
6
5
4
3
2
1
0
0
0.5
1
1.5
2
3
2.5
Input voltage VIN (V)
TCR5SB18A
50 mA
150 mA
IOUT = 10 mA
Input voltage VIN (V)
6
5
4
3
2
1
0
2.0
1.5
1.0
0.5
0
TCR5SB15A
CIN = 0.1 μF, COUT = 1 μF
50 mA
150 mA
IOUT = 10 mA
0.5
1
1.5
2
2.5
Input voltage VIN (V)
6
5
4
3
2
1
0
0
3
TCR5SB25A
IOUT = 10 mA
CIN = 0.1 μF, COUT = 1 μF
50 mA
150 mA


Similar Part No. - TCR5SB21A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB21 TOSHIBA-TCR5SB21 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB21U TOSHIBA-TCR5SB21U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB21A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com