Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB24A Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TCR5SB24A
Description  150 mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB24A Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TCR5SB24A Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 12Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 13Page - Toshiba Semiconductor TCR5SB24A Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TCR5SB15A~TCR5SB50A
2008-11-11
10
4) Dropout Voltage vs. Output Current
5) Quiessrnt Current vs. InputVoltage
Output current
IOUT (mA)
TCR5SB25A
150
135
120
105
90
75
60
45
30
15
0
0
100
200
300
400
500
CIN = 0.1 μF, COUT = 1 μF
25°C
-40°C
Ta
= 85°C
TCR5SB30A
Output current
IOUT (mA)
150
135
120
105
90
75
60
45
30
15
0
0
100
200
300
400
25°C
CIN = 0.1 μF, COUT = 1 μF
-40°C
Ta
= 85°C
0
0
Input voltage VIN (V)
6
5
4
3
2
1
0
0
10
20
30
40
50
TCR5SB15A
60
IOUT = 150 mA
CIN = 0.1 μF, COUT = 1 μF
50 mA
0 mA
TCR5SB18A
Input voltage VIN (V)
6
5
4
3
2
1
0
10
20
30
40
50
60
CIN = 0.1 μF, COUT = 1 μF
50 mA
IOUT = 150 mA
0 mA
Input voltage VIN (V)
TCR5SB25A
60
50
40
30
20
10
0
0
1
2
3
4
5
6
CIN = 0.1 μF, COUT = 1 μF
IOUT = 150 mA
50 mA
0 mA
TCR5SB30A
Input voltage VIN (V)
6
5
4
3
2
1
0
10
20
30
40
50
60
IOUT = 150 mA
50 mA
0 mA
CIN = 0.1 μF, COUT = 1 μF


Similar Part No. - TCR5SB24A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB24 TOSHIBA-TCR5SB24 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB24U TOSHIBA-TCR5SB24U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB24A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com