Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SC23FE Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCR5SC23FE
Description  150 mA CMOS Low-Dropout Regulator (Point regulator)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SC23FE Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCR5SC23FE Datasheet HTML 2Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 3Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 4Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 5Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 6Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 7Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 8Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 9Page - Toshiba Semiconductor TCR5SC23FE Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TCR5SC15FE~TCR5SC36FE
2008-11-11
6
Attention in Use
Output Capacitors
Ceramic capacitors can be used for these devices. However, because of the type of the capacitors, there might
be unexpected thermal features. Please consider application condition for selecting capacitors. And Toshiba
recommend the ESR of ceramic capacitor is under 10
Ω.
Mounting
The long distance between IC and output capacitor might affect phase assurance by impedance in wire and
inductor. For stable power supply, output capacitor need to mount near IC as much as possible. Also GND pattern
need to be large and make the wire impedance small as possible.
Permissible Loss
Please have enough design patterns for expected maximum permissible loss. And under consideration of
surrounding temperature, input voltage, and output current etc, we recommend proper dissipation ratings for
maximum permissible loss; in general maximum dissipation rating is 70 to 80 percent.
Overcurrent Protection Circuit
Overcurrent protection circuit is designed in these products, but this does not assure for the suppression of
uprising device operation. If output pins and GND pins are shorted out, these products might be break down.
In use of these products, please read through and understand dissipation idea for absolute maximum ratings from
the above mention or our ‘Semiconductor Reliability Handbook’. Then use these products under absolute maximum
ratings in any condition. Furthermore, Toshiba recommend inserting failsafe system into the design.


Similar Part No. - TCR5SC23FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB16 TOSHIBA-TCR5SB16 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
More results

Similar Description - TCR5SC23FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com