Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15D60U Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TK15D60U
Description  Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK15D60U Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TK15D60U Datasheet HTML 1Page - Toshiba Semiconductor TK15D60U Datasheet HTML 2Page - Toshiba Semiconductor TK15D60U Datasheet HTML 3Page - Toshiba Semiconductor TK15D60U Datasheet HTML 4Page - Toshiba Semiconductor TK15D60U Datasheet HTML 5Page - Toshiba Semiconductor TK15D60U Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TK15D60U
2008-07-02
4
200V
6
0
30
12
VDS
VDD = 100V
VGS
400V
18
24
0
20
8
4
12
16
0
500
200
100
300
400
0
5
1
3
2
4
−40
−80
200
0
80
120
40
160
Coss
1
0.1
100
10
Ciss
Crss
1
10000
100
10
1000
VGS = 0 V
1
3
10,15
5
0.1
100
10
1
0.4
00.8
1.2
ID = 4 A
15
7.5
0
1
0.2
0.4
0.8
−80
−40
200
0
80
120
40
0.6
160
Drain
−source voltage VDS (V)
IDR − VDS
Drain
−source voltage VDS (V)
C – VDS
Case temperature Tc (°C)
Vth − Tc
Case temperature Tc (°C)
PD − Tc
Common source
VGS = 10 V
Pulse test
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Common source
Tc
= 25°C
Pulse test
RDS (ON) – Tc
Case temperature Tc (°C)
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Common source
ID = 15 A
Tc
= 25°C
Pulse test
200
40
120
80
160
0
0
80
120
200
40
160


Similar Part No. - TK15D60U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
219Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK150F04K3L TOSHIBA-TK150F04K3L Datasheet
279Kb / 10P
   MOSFETs Silicon N-channel MOS (U-MOS??
TK150F04K3L TOSHIBA-TK150F04K3L Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
TOKO, Inc
TK15121 TOKO-TK15121 Datasheet
87Kb / 8P
   Grand Earthing System Audio Signal Mute IC
More results

Similar Description - TK15D60U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK12D60U TOSHIBA-TK12D60U Datasheet
180Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK15A60U TOSHIBA-TK15A60U Datasheet
162Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK20D60U TOSHIBA-TK20D60U Datasheet
203Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK12A60U TOSHIBA-TK12A60U Datasheet
187Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK13A65U TOSHIBA-TK13A65U Datasheet
210Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK40J60T TOSHIBA-TK40J60T Datasheet
207Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS)
TK20A60U TOSHIBA-TK20A60U Datasheet
184Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com