Electronic Components Datasheet Search |
|
TCR5SB38A Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TCR5SB38A Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 17 page TCR5SB15A~TCR5SB50A 2008-11-11 1 TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic TCR5SB15A~TCR5SB50A 150 mA CMOS Low-Dropout Regulator (Point Regulator) The TCR5SB15A to TCR5SB50A are CMOS general-purpose single-output voltage regulators with an on/off control input, featuring low dropout voltage and low quiescent bias current. The TCR5SB15A to TCR5SB50A can be enabled and disabled via the CONTROL pin. These voltage regulators are available in fixed output voltages between 1.5 V and 5.0 V in 0.1-V steps and capable of driving up to 150 mA. They feature overcurrent protection. The TCR5SB15A to TCR5SB50A are offered in the compact SMV (SOT23-5) (SC-74A) and allow the use of small ceramic input and output capacitors. Thus, these devices are ideal for portable applications that require high-density board assembly such as cellular phones. Features • Low quiescent bias current ( IB = 32 μA (typ.) at IOUT = 0 mA ) • Low stand-by current ( IB(OFF) = 0.1 μA (typ.) at Stand-by mode ) • Low-dropout voltage ( VIN - VOUT = 90 mV (typ.) at TCR5SB25A, IOUT = 50 mA ) • High ripple rejection ( R.R = 70 dB (typ) at IOUT = 10 mA, f =1kHz ) • Control voltage can be allowed from -0.3 to 6 V regardless of VIN voltage. • Overcurrent protection • Ceramic capacitors can be used ( CIN = 0.1μF, COUT =1.0 μF ) • Wide range voltage listing (Please see Output Voltage Accuracy at page 4 for variety of the output voltage ) • Small package, SMV (SOT23-5) (SC-74A) Pin Assignment (top view) Weight: 0.014 g (typ.) VOUT CONTROL GND NC VIN 1 2 3 4 5 |
Similar Part No. - TCR5SB38A |
|
Similar Description - TCR5SB38A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |