Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2166A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2166A
Description  PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2166A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2166A Datasheet HTML 1Page - Toshiba Semiconductor TLP2166A Datasheet HTML 2Page - Toshiba Semiconductor TLP2166A Datasheet HTML 3Page - Toshiba Semiconductor TLP2166A Datasheet HTML 4Page - Toshiba Semiconductor TLP2166A Datasheet HTML 5Page - Toshiba Semiconductor TLP2166A Datasheet HTML 6Page - Toshiba Semiconductor TLP2166A Datasheet HTML 7Page - Toshiba Semiconductor TLP2166A Datasheet HTML 8Page - Toshiba Semiconductor TLP2166A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP2166A
2008-11-27
1
TOSHIBA PHOTOCOUPLER GaAℓAs Ired & PHOTO-IC
TLP2166A
Plasma Display Panels (PDPs)
High-Speed Interfaces
3.3-V Voltage Source
The Toshiba TLP2166A consists of a GaAℓAs light emitting diode and a
integrated high-gain, high-speed photodetector.
The TLP2166A is housed in the 8-pin SO package.
Since the TLP2166A contains two photocouplers, it saves board space.
the TLP2166A operates with a 3.3-V supply voltage.
Inverting logic output (totem-pole output)
SO8 package
Guaranteed performance over -40 to 100°C
Power supply voltage: 3.0 to 3.6 V
Input threshold current: IFHL = 3 mA (max)
Switching time (tpHL / tpLH): 75 ns (max)
Switching speed: 15 MBd (typ.)(NRZ)
Common-mode transient immunity: ±15 kV/
μs
Isolation voltage: 2500 Vrms
Truth Table
Input
LED1(2)
Tr1(3)
Tr2(4)
Output 1(2)
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
Schematic
Unit: mm
0.305 min
0.38
1.27 ±0.15
1
2
3
4
8
6
5
5.1 ±0.2
6.0 ±0.2
11-5K1
7
JEDEC
JEITA
TOSHIBA
11−5K1
Weight: 0.21 g (typ.)
A bypass capacitor of 0.1μF must be
connected between pins 8 and 5.
VCC
VO1
ICC
IO1
8
7
SHIELD
2-
1+
IF1
Tr1
Tr2
VF1
VO2
GND
IO2
6
5
SHIELD
4+
3-
IF2
Tr3
Tr4
VF2
Pin Configuration (Top View)
1: ANODE 1
2: CATHODE 1
3: CATHODE 2
4: ANODE 2
5: GND
6: VO2 (Output2)
7: VO1 (Output1)
8: VCC
1
3
6
7
8
VCC
GND
SHIELD
5
4
2


Similar Part No. - TLP2166A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
   DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
More results

Similar Description - TLP2166A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com