Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8040-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCA8040-H
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8040-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCA8040-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8040-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8040-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8040-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8040-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8040-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8040-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCA8040-H
2008-10-17
5
20
10
30
0
0
5
25
VDD = 6 V
VDS
24
12
15
8
4
12
0
10
20
0
0.5
1.5
−80
−40
0
40
80
120
160
2.5
1.0
2.0
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
0
1
−0.2
100
−0.6
−0.8
−1.0
VGS = 0 V
10
4.5
1
3
−0.4
10
160
−40
0
40
80
120
−80
12
4
0
VGS = 10 V
8
VGS = 4.5 V
16
ID = 5.8, 11.5, 23 A
ID = 5.8, 11.5, 23 A
Drain-source voltage
VDS (V)
Capacitance – VDS
Drain-source voltage
VDS (V)
IDR – VDS
Ambient temperature
Ta
(°C)
Vth – Ta
Ambient temperature
Ta
(°C)
RDS (ON) – Ta
Total gate charge
Qg (nC)
Dynamic input/output
characteristics
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = 10 V
ID = 0.2 mA
Pulse test
Common source
Pulse test
Common source
ID = 23 A
Ta
= 25°C
Pulse test


Similar Part No. - TPCA8040-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCA8040-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8040-H TOSHIBA-TPC8040-H Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8036-H TOSHIBA-TPCA8036-H Datasheet
158Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8035-H TOSHIBA-TPC8035-H Datasheet
223Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8039-H TOSHIBA-TPC8039-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8036-H TOSHIBA-TPC8036-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8028-H TOSHIBA-TPCA8028-H Datasheet
195Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPC8053-H TOSHIBA-TPC8053-H Datasheet
206Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com