Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8042 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCA8042
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8042 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCA8042 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8042 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCA8042
2008-06-24
1
TOSHIBA Field Effect Transistor
Silicon N-Channel MOS Type (U-MOSⅣ)
TPCA8042
Lithium-Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to a small and thin package
• Low drain-source ON-resistance: RDS (ON) = 2.6 mΩ (typ.)
• High forward transfer admittance: |Yfs| =94 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
45
Drain current
Pulsed (Note 1)
IDP
135
A
Drain power dissipation
(Tc=25℃)
PD
45
W
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
2.8
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.6
W
Single-pulse avalanche energy
(Note 3)
EAS
263
mJ
Avalanche current
IAR
45
A
Repetitive avalanche energy
(Tc=25℃) (Note 4)
EAR
4.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating
Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
8
5
1
4
4.25
± 0.2
5.0
± 0.2
S
S
0.05
A
0.595
0.4
± 0.1
1
4
0.15
± 0.05
8
5
1.27
A
0.05 M
JEDEC
JEITA
TOSHIBA
2-5Q1A
Weight: 0.069 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4
1,2,3: SOURCE
4: GATE
5,6,7,8: DRAIN


Similar Part No. - TPCA8042

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8042 TOSHIBA-TPCA8042 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8042 VBSEMI-TPCA8042 Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - TPCA8042

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCM8006 TOSHIBA-TPCM8006 Datasheet
206Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
SSM3K318T TOSHIBA-SSM3K318T Datasheet
219Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCA8026 TOSHIBA-TPCA8026 Datasheet
159Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
logo
National Semiconductor ...
TPCT4202 NSC-TPCT4202 Datasheet
259Kb / 4P
   Field effect Transistor Silicon N Channel MOS Type(U-MOS)
logo
Toshiba Semiconductor
TPCC8008 TOSHIBA-TPCC8008 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com