Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL212 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # DL212
Description  Optical Fiber Transmitting IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DL212 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  DL212 Datasheet HTML 1Page - Silicon Touch Technology Inc. DL212 Datasheet HTML 2Page - Silicon Touch Technology Inc. DL212 Datasheet HTML 3Page - Silicon Touch Technology Inc. DL212 Datasheet HTML 4Page - Silicon Touch Technology Inc. DL212 Datasheet HTML 5Page - Silicon Touch Technology Inc. DL212 Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
42-DL212
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-DL212-A.007.doc
-2-
Version
A.007
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Rating
Unit
Supply Voltage
VDD
-0.5 to +7
V
Input Voltage
VIN
-0.5 to VDD +0.5
V
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-55 to +100
Electrostatic Damage
ESD
3.5
kV
Output Sinking Current
IOUT
50
mA
RECOMMENDED OPERATING CONDITIONS
ITEM
SYMBOL
MIN.
TYP.
MAX. UNIT
Supply Voltage
VDD
2.7
-
5.5
V
High Level Input Voltage
VIH
2.0
-
VDD
V
Low Level Input Voltage
VIL
0
-
0.8
V
ELECTRICAL CHARACTERISTICS (VDD=5.0V, TA=25℃
℃, if not mentioned )
ITEM
SYMBOL
CONDITIONS
MIN. TYP. MAX. UNIT
High Level Input Voltage
VIH
VDD= 3V or 5V
2.0
-
VDD
V
Low Level Input Voltage
VIL
VDD= 3V or 5V
0
-
0.8
V
Input Leakage Current
IIN
VIN=VDD or VSS
-
-
1
uA
Quiescent Supply Current
IDDQ
VIN =VSS
-
1
3
mA
Output Sinking Current
IOUT_ON
VDD=3V or 5V,
VIN=VDD,
VFLED=2.0V
3.5
4.4
5.3
mA
Output Leakage Current
IOUT_OFF
VDD=3V or 5V,
VOUT=3V,
VIN=VSS
-
-
5
uA
Propagation Delay
TPLH , TPHL
VDD=3V,
CLED=15pF,
VFLED=2.0V
-
-
100
ns
Rise Time, Fall Time of
IOUT
Tr, Tf
VDD=3 V,
CLED=15pF,
VFLED=2.0V
-
-
10
ns
Pulse Width Distortion
Δ
Δ
Δ
Δtw
CLED=15pF,
VFLED=2.0V
- 25
0
25
ns
Jitter of Output Current
Δ
Δ
Δ
Δtj
CLED=15pF,
VFLED=2.0V
1
25
ns
Data Rate
FDATA
NRZ Code,
CLED=15pF,
VFLED=2.0V
-
-
16
Mb/s


Similar Part No. - DL212

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DL211 SITI-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
DL213 SITI-DL213 Datasheet
114Kb / 6P
   Optical Fiber Transmitting IC
DL213B SITI-DL213B Datasheet
108Kb / 6P
   Optical Fiber Transmitting IC
DL214 SITI-DL214 Datasheet
412Kb / 6P
   Optical Fiber Transmitting IC
More results

Similar Description - DL212

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL213 SITI-42-DL213 Datasheet
114Kb / 6P
   Optical Fiber Transmitting IC
42-DL221 SITI-42-DL221 Datasheet
115Kb / 6P
   Optical Fiber Transmitting IC
42-DL214 SITI-42-DL214 Datasheet
412Kb / 6P
   Optical Fiber Transmitting IC
42-DL213B SITI-42-DL213B Datasheet
108Kb / 6P
   Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
   Optical Fiber Receiving IC
42-DL313 SITI-42-DL313 Datasheet
131Kb / 6P
   Optical Fiber Receiving IC
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
   Fiber Optic Transmitting Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com